Electronic Components Datasheet Search
  English  ▼

X  

ALD2706DA Datasheet(PDF) 3 Page - Advanced Linear Devices

Part # ALD2706DA
Description  DUAL ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2706DA Datasheet(HTML) 3 Page - Advanced Linear Devices

  ALD2706DA Datasheet HTML 1Page - Advanced Linear Devices ALD2706DA Datasheet HTML 2Page - Advanced Linear Devices ALD2706DA Datasheet HTML 3Page - Advanced Linear Devices ALD2706DA Datasheet HTML 4Page - Advanced Linear Devices ALD2706DA Datasheet HTML 5Page - Advanced Linear Devices ALD2706DA Datasheet HTML 6Page - Advanced Linear Devices ALD2706DA Datasheet HTML 7Page - Advanced Linear Devices ALD2706DA Datasheet HTML 8Page - Advanced Linear Devices ALD2706DA Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ALD2706A/ALD2706B
Advanced Linear Devices
3 of 9
ALD2706
OPERATING ELECTRICAL CHARACTERISTICS (cont'd)
VS = ± 2.5V -55°C ≤ TA ≤ +125°C unless otherwise specified
Input Offset
Voltage
VOS
3.0
6.0
12.0
mV
RS ≤ 100KΩ
Input Offset
Current
IOS
4.0
4.0
4.0
nA
Input Bias
Current
IB
4.0
4.0
4.0
nA
Power Supply
Rejection Ratio
PSRR
60
75
60
75
60
75
dB
RS ≤ 1MΩ
Common Mode
Rejection Ratio
CMRR
60
83
60
83
60
83
dB
RS ≤ 1MΩ
Large Signal
Voltage Gain
AV
10
50
10
50
5
50
V/mV
RL = 1MΩ
Output Voltage
VO low
-2.40
-2.25
-2.40 -2.25
-2.40
-2.25
V
Range
VO high
2.25
2.40
2.25
2.40
2.25
2.40
V
RL = 1MΩ
2706ADA
2706BDA
2706DA
Test
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Conditions
Power Supply
Rejection Ratio
PSRR
80
80
80
dB
RS ≤ 1MΩ
Common Mode
Rejection Ratio
CMRR
80
80
80
dB
RS ≤ 1MΩ
Large Signal
Voltage Gain
AV
50
50
50
V/mV
RL = 1MΩ
Output Voltage
VO low
-0.95
-0.9
-.95
-0.9
-0.95
-0.9
V
RL = 1MΩ
Range
VO high
0.9
0.95
0.9
0.95
0.9
0.95
V
Bandwidth
BW
0.2
0.2
0.2
MHz
Slew Rate
SR
0.1
0.1
0.1
V/µsAV =+1
CL = 25pF
TA = 25°C VS = ±1.0V unless otherwise specified
2706A
2706B
2706
Test
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Conditions
Input
Capacitance
CIN
11
1
pF
Bandwidth
BW
200
200
200
KHz
Slew Rate
SR
0.1
0.1
0.1
V/µsAV = +1
RL = 100KΩ
Rise time
tr
1.0
1.0
1.0
µsRL = 100KΩ
Overshoot
20
20
20
%
RL = 100KΩ
Factor
CL = 25pF
Settling
10.0
10.0
10.0
µs
0.1%
Time
ts
AV = -1
CL = 25pF RL = 100KΩ
Channel
Separation
CS
140
140
140
dB
AV = 100
TA = 25°C VS = ±2.5V unless otherwise specified
2706A
2706B
2706
Test
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Conditions



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com