Electronic Components Datasheet Search
  English  ▼

X  

ALD2706DA Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # ALD2706DA
Description  DUAL ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2706DA Datasheet(HTML) 1 Page - Advanced Linear Devices

  ALD2706DA Datasheet HTML 1Page - Advanced Linear Devices ALD2706DA Datasheet HTML 2Page - Advanced Linear Devices ALD2706DA Datasheet HTML 3Page - Advanced Linear Devices ALD2706DA Datasheet HTML 4Page - Advanced Linear Devices ALD2706DA Datasheet HTML 5Page - Advanced Linear Devices ALD2706DA Datasheet HTML 6Page - Advanced Linear Devices ALD2706DA Datasheet HTML 7Page - Advanced Linear Devices ALD2706DA Datasheet HTML 8Page - Advanced Linear Devices ALD2706DA Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev 2.0 ©2010 Advanced Linear Devices, Inc. 415 Tasman Drive, Sunnyvale, CA 94089-1706 Tel: (408) 747-1155 Fax: (408) 747-1286
www.aldinc.com
DUAL ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2706A/ALD2706B
ALD2706
ADVANCED
LINEAR
DEVICES, INC.
Operating Temperature Range
0°C to +70°C0°C to +70°C
-55°C to 125°C
8-Pin
8-Pin
8-Pin
Small Outline
Plastic Dip
CERDIP
Package (SOIC)
Package
Package
ALD2706ASAL
ALD2706APAL
ALD2706ADA
ALD2706BSAL
ALD2706BPAL
ALD2706BDA
ALD2706SAL
ALD2706PAL
ALD2706DA
* Contact factory for leaded (non-RoHS) or high temperature versions.
ORDERING INFORMATION (“L” suffix denotes lead-free (RoHS))
GENERAL DESCRIPTION
The ALD2706A/ALD2706B/ALD2706 is a dual monolithic CMOS
micropower high slew-rate operational amplifier intended for a broad range
of analog applications using ±1V to ±5V dual power supply systems, as
well as +2V to +10V battery operated systems. All device characteristics
are specified for +5V single supply or ±2.5V dual supply systems. Supply
current is 80µA maximum at 5V supply voltage. It is manufactured with
Advanced Linear Devices' enhanced A CMOS silicon gate CMOS process.
The ALD2706A/ALD2706B/ALD2706 is designed to offer a trade-off of
performance parameters providing a wide range of desired specifications.
It has been developed specifically for the +5V single supply or ±1V to ±5V
dual supply user and offers the popular industry standard pin configuration.
Several important characteristics of the device make application easier to
implement at those voltages. First, each operational amplifier can operate
with rail to rail input and output voltages. This means the signal input
voltage and output voltage can be equal to the positive and negative supply
voltages. This feature allows numerous analog serial stages and flexibility
in input signal bias levels. Second, each device was designed to
accommodate mixed applications where digital and analog circuits may
operate off the same power supply or battery. Third, the output stage can
typically drive up to 25pF capacitive and 20KΩ resistive loads. These
features, combined with extremely low input currents, high open loop
voltage gain of 100V/mV, useful bandwidth of 200KHz, a slew rate of 0.1V/
µs, low offset voltage and temperature drift, make the ALD2706A/
ALD2706B/ALD2706 a versatile, micropower dual operational amplifier.
A typical ALD2706A/ALD2706B/ALD2706 has the capacity to process a
0.998V amplitude analog signal with only 1.000V single supply voltage,
while requiring only 0.1pA input bias current. Additionally, robust design
and rigorous screening make this device especially suitable for operation
in temperature-extreme environments and rugged conditions.
FEATURES
• Typical 20µA supply current per amplifier
• All parameters specified for +5V single
supply or ±2.5V dual supply systems
• Rail-to-rail input and output voltage ranges
• Unity gain stable
• Extremely low input bias currents -- 0.1pA
• High source impedance applications
• Dual power supply ±1.0V to ±5.0V
• Single power supply +2V to +10V
• High voltage gain
• Unity gain bandwidth of 0.2MHz
• Slew rate of 0.1V/µs
• Symmetrical output drive
• Suitable for rugged, temperature-extreme
environments
APPLICATIONS
• Voltage follower/buffer/amplifier
• Charge integrator
• Photodiode amplifier
• Data acquisition systems
• High performance portable
instruments
• Signal conditioning circuits
• Sensor and transducer amplifiers
• Low leakage amplifiers
• Active filters
• Sample/Hold amplifier
• Picoammeter
• Current to voltage converter
PIN CONFIGURATION
TOP VIEW
SAL, PAL, DA PACKAGES
1
2
3
4
8
7
6
5
OUT A
-IN A
+IN A
V+
-IN B
+IN B
V -
OUT B


Similar Part No. - ALD2706DA

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2706 ALD-ALD2706 Datasheet
44Kb / 6P
DUAL ULTRA MICROPOWER RAIL TO RAIL CMOS OPERATIOAAL AMPLIFIER
ALD2706A ALD-ALD2706A Datasheet
44Kb / 6P
DUAL ULTRA MICROPOWER RAIL TO RAIL CMOS OPERATIOAAL AMPLIFIER
ALD2706B ALD-ALD2706B Datasheet
44Kb / 6P
DUAL ULTRA MICROPOWER RAIL TO RAIL CMOS OPERATIOAAL AMPLIFIER
More results

Similar Description - ALD2706DA

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1706A ALD-ALD1706A Datasheet
44Kb / 6P
ULTRA MICROPOWER RAIL TO RAIL CMOS OPERATIONAL AMPLIFIER
ALD2701 ALD-ALD2701 Datasheet
74Kb / 6P
DUAL MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4706A ALD-ALD4706A Datasheet
66Kb / 6P
QUAD ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD1701A ALD-ALD1701A Datasheet
47Kb / 6P
MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD1701A ALD-ALD1701A_10 Datasheet
85Kb / 9P
MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD1706A ALD-ALD1706A_10 Datasheet
82Kb / 9P
ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2701 ALD-ALD2701_10 Datasheet
84Kb / 9P
DUAL MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4706 ALD-ALD4706_10 Datasheet
86Kb / 9P
DUAL ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1701A ADL-ALD1701A Datasheet
80Kb / 9P
MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2010
ALD1706A ADL-ALD1706A Datasheet
77Kb / 9P
ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com