Electronic Components Datasheet Search
  English  ▼

X  

FMBT2222 Datasheet(PDF) 7 Page - Formosa MS

Part # FMBT2222
Description  600mA Silicon NPN Epitaxial Planar Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FMBT2222 Datasheet(HTML) 7 Page - Formosa MS

  FMBT2222 Datasheet HTML 1Page - Formosa MS FMBT2222 Datasheet HTML 2Page - Formosa MS FMBT2222 Datasheet HTML 3Page - Formosa MS FMBT2222 Datasheet HTML 4Page - Formosa MS FMBT2222 Datasheet HTML 5Page - Formosa MS FMBT2222 Datasheet HTML 6Page - Formosa MS FMBT2222 Datasheet HTML 7Page - Formosa MS FMBT2222 Datasheet HTML 8Page - Formosa MS FMBT2222 Datasheet HTML 9Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Suggested solder pad layout
Page 7
SOT-23
Dimensions in inches and (millimeters)
0.035(0.90)
0.031(0.80)
0.079(2.0)
0.037(0.95)
0.037(0.95)
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Pinning information
PinB
Base
PinC
Collector
PinE
Emitter
Pin
Simplified outline
Symbol
Marking
Type number
Marking code
FMBT2222
M1B
FMBT2222A
1P
B
C
E
E
C
B
NPN Epitaxial Planar Transistor
Formosa MS
FMBT2222 / FMBT2222A
Document ID
Issued Date
Revised Date
Revision
Page.
DS-231107
2008/02/10
2011/07/21
D
9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com