Electronic Components Datasheet Search
  English  ▼

X  

FMBT2222 Datasheet(PDF) 1 Page - Formosa MS

Part # FMBT2222
Description  600mA Silicon NPN Epitaxial Planar Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FMBT2222 Datasheet(HTML) 1 Page - Formosa MS

  FMBT2222 Datasheet HTML 1Page - Formosa MS FMBT2222 Datasheet HTML 2Page - Formosa MS FMBT2222 Datasheet HTML 3Page - Formosa MS FMBT2222 Datasheet HTML 4Page - Formosa MS FMBT2222 Datasheet HTML 5Page - Formosa MS FMBT2222 Datasheet HTML 6Page - Formosa MS FMBT2222 Datasheet HTML 7Page - Formosa MS FMBT2222 Datasheet HTML 8Page - Formosa MS FMBT2222 Datasheet HTML 9Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Page 1
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
NPN Epitaxial Planar Transistor
Formosa MS
FMBT2222 / FMBT2222A
Document ID
Issued Date
Revised Date
Revision
Page.
DS-231107
2008/02/10
2011/07/21
D
9
1
2
2
2
2
3~4
5~6
7
7
7
8
9
9
List
List.................................................................................................
Package outline...............................................................................
Features..........................................................................................
Maximum ratings .............................................................................
Rating and characteristic curves........................................................
Pinning information...........................................................................
Marking...........................................................................................
Suggested solder pad layout.............................................................
Packing information..........................................................................
Reel packing....................................................................................
Suggested thermal profiles for soldering processes.............................
Mechanical data...............................................................................
Electrical Characteristics.................................................................


Similar Part No. - FMBT2222

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FMBT2222A FCI-FMBT2222A Datasheet
715Kb / 3P
FMBT2222A NPN Bipolar Transistor Epitaxial planar die construction
logo
Formosa MS
FMBT2222A FORMOSA-FMBT2222A Datasheet
434Kb / 9P
SMD NPN Transistor
FMBT2222ADW1 FORMOSA-FMBT2222ADW1 Datasheet
130Kb / 10P
Dual NPN Epitaxial Planar Transistor
FMBT2222AW FORMOSA-FMBT2222AW Datasheet
91Kb / 10P
SMD NPN Transistor
More results

Similar Description - FMBT2222

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
logo
Formosa MS
FMBT4401 FORMOSA-FMBT4401 Datasheet
168Kb / 10P
600mA Silicon NPN Epitaxial Planar Transistor
FMBT4403 FORMOSA-FMBT4403 Datasheet
233Kb / 10P
600mA Silicon PNP Epitaxial Planar Transistor
FMBT5550 FORMOSA-FMBT5550 Datasheet
409Kb / 8P
600mA Silicon NPN Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com