Electronic Components Datasheet Search
  English  ▼

X  

TSC2011 Datasheet(PDF) 4 Page - Texas Instruments

Part # TSC2011
Description  Nanopower, 4-Wire Resistive Touch and Haptic Controller with I2C??Serial Interface
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2011 Datasheet(HTML) 4 Page - Texas Instruments

  TSC2011 Datasheet HTML 1Page - Texas Instruments TSC2011 Datasheet HTML 2Page - Texas Instruments TSC2011 Datasheet HTML 3Page - Texas Instruments TSC2011 Datasheet HTML 4Page - Texas Instruments TSC2011 Datasheet HTML 5Page - Texas Instruments TSC2011 Datasheet HTML 6Page - Texas Instruments TSC2011 Datasheet HTML 7Page - Texas Instruments TSC2011 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TSC2011
SBAS516
– NOVEMBER 2011
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
At TA = –40°C to +85°C, VDD = +1.2V to +3.6V, HVDD = 1.2V to 3.6V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL INPUT/OUTPUT
Logic Family
CMOS
VIH
0.7 x VDD
4
V
VIL
–0.3
0.2 x VDD
V
IIL, IIH
–1
1
µA
CIN
10
pF
Logic level
VOH
IOH = 100 µA, PINTDAV and GPO
VDD – 0.2
VDD
V
VOL
IOL = –3.2mA, GPO, PINTDAV and SDA
0
0.2
V
ILEAK
Floating output, SDA
–1
1
µA
COUT
Floating output, SDA
10
pF
Straight
AUX Input Data Format
Binary
POWER-SUPPLY REQUIREMENTS
Power-supply voltage
VDD, HVDD
(5)
Specified Performance
1.2
3.6
V
TA = 25°C, Filter off, M = W = 1,
C[3:0] = (1,0,0,0), RM = 1, CL[1:0] =
VDD = 1.6V
615
750
µA
(0,1), Continuous AUX mode, fADC =
2MHz, Without reading data register
TA = 25°C, Filter ON, M = 15, W = 7,
VDD = 1.6V
280
PSM = 1, C[3:0] = (0,0,0,0), RM = 1,
CL[1:0] = (0,1), BTD[2:0] = (1,0,1),
50SSPS, MAVEX = MAVEY =
µA
VDD = 3V
650
MAVEZ = 1, fADC = 2MHz, High
speed mode, Sensor drivers supply
current included.(7)
TA = 25°C, Filter OFF, M = W = 1,
VDD = 1.6V
260
PSM = 1, C[3:0] = (0,0,0,0), RM = 1,
CL[1:0] = (0,1), BTD[2:0] = (1,0,1),
50SSPS, MAVEX = MAVEY =
µA
VDD = 3.V
600
MAVEZ = 1, fADC = 2MHz, High
speed mode, Sensor drivers supply
Quiescent supply current(6)
current included.(7)
VDD = 1.6V, ~30.2ksps
TA = 25°C, filter OFF, M = W = 1,
290
effective rate
C[3:0] = (0,1, 0,1), RM = 1, CL[1:0] =
µA
(0,1), Noncontinuous AUX mode,
VDD = 3.V, ~30.7ksps effective
600
fADC = 2MhZ, High speed mode
rate
TA = 25°C, filter ON, M = 7, W = 3,
VDD = 1.6V, ~11.4ksps
520
C[3:0] = (0,1, 0,1), RM = 1, CL[1:0] =
effective rate
(0,1), MAVEAUX = 1, Noncontinuous
µA
VDD = 3.V, ~11.9ksps effective
AUX mode, fADC = 2MHz, High
1050
rate
speed mode, Full speed
TA = 25°C, Filter ON, M = 7, W = 3,
VDD = 1.6V, ~1.17ksps
53.4
C[3:0] = (0,1, 0,1), RM = 1, CL[1:0] =
effective rate
(0,1), MAVEAUX = 1, Noncontinuous
µA
AUX mode, fADC = 2MHz, High
VDD = 3.V, ~1.17ksps effective
103.2
speed mode, Reduced speed
rate
(8.2ksps equivalent rate).
TA = +25°C, Not addressed, SCL = SDA = RESET = VDD = 1.6V,
Power-down supply current
0.07
0.8
µA
PINTDAV = 1
(5)
The TSC2011 can work with a supply voltage down to 1.2V if the internal clock is set to 1MHz (slow) and an ADC long sampling time is
used. To set the internal clock to 1MHz CL[1:0] =
"10" or "11" and LSM of Configuration register 0 is set to "1". Note that the I2C
interface High speed Mode is limited to 1.7MHz. Check with the factory for further details, if needed.
(6)
For detailed information on test condition parameter and bit settings, see the Digital Interface section.
(7)
Touch sensor modeled by: 2k
Ω for X-plane and Y-plane, and 1kΩ for Z (touch resistance), in the single-touch scenario.
4
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TSC2011



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com