Electronic Components Datasheet Search
  English  ▼

X  

TSC2011 Datasheet(PDF) 1 Page - Texas Instruments

Part # TSC2011
Description  Nanopower, 4-Wire Resistive Touch and Haptic Controller with I2C??Serial Interface
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2011 Datasheet(HTML) 1 Page - Texas Instruments

  TSC2011 Datasheet HTML 1Page - Texas Instruments TSC2011 Datasheet HTML 2Page - Texas Instruments TSC2011 Datasheet HTML 3Page - Texas Instruments TSC2011 Datasheet HTML 4Page - Texas Instruments TSC2011 Datasheet HTML 5Page - Texas Instruments TSC2011 Datasheet HTML 6Page - Texas Instruments TSC2011 Datasheet HTML 7Page - Texas Instruments TSC2011 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DAV
SCL
SDA
PENIRQ
X–
X+
Y–
Y+
Touch Screen
Drivers
Interface
AUX/IRRX
(optional)
RESET
PINTDAV
Haptic
Controller
Parameters
Profiler
Enhanced ESD
H–/U–
H+/U+
Touch Engine
With
Analog Signal
Processing
Touch Screen
Controller
Status Register
TEMP
External H-
Bridge Driver
GPIO1/D–/IRTX
GPIO0/D+/IRPWN
AD0
Overcurrent
Protection
H-Bridge Driver
10~20kHz
PWM
TSC2011
www.ti.com
SBAS516
– NOVEMBER 2011
Nanopower, 4-Wire Resistive Touch and Haptic Controller with I2C
™ Serial Interface
Check for Samples: TSC2011
1
FEATURES
•
4-mm
×4-mm QFN-20 and 2.5-mm×2.5-mm
WCSP-25 (Preview) Packages
2
•
Advanced 4-Wire Touch Screen Interface
U.S. Patent No. 6,246,394; 7,812,830; 7,965,280; 7,999,793
•
Preprocessing to Reduce Bus Activity
•
Integrated Haptic Feedback Control
APPLICATIONS
– On Chip H-Bridge: 250mA with Over
•
Smart Phones, MP3, PMPs, Games
Current Status
•
Portable Industrial/Medical Instruments, POS
– On Chip PWM: 20KHz to 160KHz, 0% to
100%
DESCRIPTION
– On Chip Synthesizer (10Hz~20KHz Sine)
The TSC2011 is a very low power Touch Screen
– Wave Amplitude Modulation: 255 Levels
Controller designed to work with a low cost 4-wire
•
High-Speed I2C-Compatible Interface
resistive
touch
sensor
but
also
includes
a
comprehensive set of haptic feedbacks to provide a
•
Register-Based Programmable
complete human machine interface. Unlike other
– 10-Bit or 12-Bit ADC Resolution
competing solutions that rely on a simple, one way
– Sampling Rates
"trigger" mechanism, the haptic controller and touch
screen
controller
work
side-by-side
to
ensure
– On Chip Command Profiler
consistent haptic effect and touch detection. This
– GPO Pins for External Drive or IR TX
synchronized operation minimizes the skew between
•
Low Power Design:
detection and feedback, reducing system power
consumption. Other advanced features include a
– Single 1.2V to 3.6V Supply Possible
bandwidth saving preprocessing, integrated H-bridge
– Low Power Haptic Driver (PWM+H-Bridge)
to drive actuator and GPO pins may be used for an
– Auto Power Down
IR proximity circuit. These make the TSC2011 a
perfect device for low cost consumer applications that
– 590µW at 1.8V, 50SSPS
can benefit from many new bidirectional human
– 450µW at 1.6V, 50SSPS
machine interactions such as touch, gaming, and
– 50µW at 1.2V, 8.2kSPS
supplemental effects of ring tone.
•
Enhanced IEC ESD Protection
– ±25kV Air Discharge, ±15kV Contact
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
I2C is a trademark of NXP Semiconductors.
PRODUCT PREVIEW information concerns products in the
Copyright
© 2011, Texas Instruments Incorporated
formative or design phase of development. Characteristic data and
other specifications are design goals. Texas Instruments reserves
the right to change or discontinue these products without notice.


Similar Part No. - TSC2011

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSC2011 STMICROELECTRONICS-TSC2011 Datasheet
244Kb / 5P
High voltage bidirectional current sense amplifier evaluation kit based on the
Rev 1 - March 2020
TSC2011 STMICROELECTRONICS-TSC2011 Datasheet
1Mb / 54P
High voltage, precision, bidirectional current sense amplifiers
Rev 4 - August 2020
TSC2011 STMICROELECTRONICS-TSC2011 Datasheet
2Mb / 50P
High voltage, precision, bidirectional current sense amplifiers
06-Feb-2025
TSC2011H STMICROELECTRONICS-TSC2011H Datasheet
3Mb / 49P
High temperature, high voltage, precision, bidirectional current sense amplifiers
07-Feb-2025
TSC2011HYDT STMICROELECTRONICS-TSC2011HYDT Datasheet
4Mb / 50P
High temperature, high voltage, precision, bidirectional current sense amplifiers
More results

Similar Description - TSC2011

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2007 TI-TSC2007_1 Datasheet
816Kb / 41P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Burr-Brown (TI)
TSC2004 BURR-BROWN-TSC2004 Datasheet
1Mb / 54P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Texas Instruments
TSC2007-Q1 TI1-TSC2007-Q1 Datasheet
787Kb / 39P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2017 TI1-TSC2017 Datasheet
728Kb / 38P
12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014 TI1-TSC2014 Datasheet
435Kb / 7P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014 TI1-TSC2014_14 Datasheet
643Kb / 8P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2017 TI1-TSC2017_14 Datasheet
924Kb / 39P
12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014_15 TI-TSC2014_15_15 Datasheet
631Kb / 7P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2013-Q1 TI1-TSC2013-Q1 Datasheet
1Mb / 70P
TSC2013-Q1 12-Bit, Nanopower, 4-Wire Dual-Touch Screen Controller With I2C Interface
TSC2007 TI1-TSC2007_17 Datasheet
1Mb / 41P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com