Electronic Components Datasheet Search
  English  ▼

X  

SN74ALVC16721 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74ALVC16721
Description  3.3-V 20-BIT FLIP-FLOP WITH 3-STATE OUTPUTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALVC16721 Datasheet(HTML) 4 Page - Texas Instruments

  SN74ALVC16721 Datasheet HTML 1Page - Texas Instruments SN74ALVC16721 Datasheet HTML 2Page - Texas Instruments SN74ALVC16721 Datasheet HTML 3Page - Texas Instruments SN74ALVC16721 Datasheet HTML 4Page - Texas Instruments SN74ALVC16721 Datasheet HTML 5Page - Texas Instruments SN74ALVC16721 Datasheet HTML 6Page - Texas Instruments SN74ALVC16721 Datasheet HTML 7Page - Texas Instruments SN74ALVC16721 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SN74ALVC16721
3.3V 20BIT FLIPFLOP
WITH 3STATE OUTPUTS
SCAS267A − MARCH 1993 − REVISED MAY 1995
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC†
TA = − 40°C to 85°C
UNIT
PARAMETER
TEST CONDITIONS
VCC†
MIN
TYP
MAX
UNIT
IOH = − 100 µA
MIN to MAX
VCC −0.2
IOH = − 6 mA,
VIH = 1.7 V
2.3 V
2
VOH
IOH = − 12 mA,
VIH = 1.7 V
2.3 V
1.7
V
VOH
IOH = − 12 mA,
VIH = 2 V
2.7 V
2.2
V
IOH = − 12 mA,
VIH = 2 V
3 V
2.4
IOH = − 24 mA,
VIH = 2 V
3 V
2
IOL = 100 µA
MIN to MAX
0.2
IOL = 6 mA,
VIL = 0.7 V
2.3 V
0.4
VOL
IOL = 12 mA,
VIL = 0.7 V
2.3 V
0.7
V
VOL
IOL = 12 mA,
VIL = 0.8 V
2.7 V
0.4
V
IOL = 24 mA,
VIL = 0.8 V
3 V
0.55
II
VI = VCC or GND
3.6 V
±5
µA
VI = 0.7 V
2.3 V
45
VI = 1.7 V
2.3 V
−45
II(hold)
VI = 0.8 V
3 V
75
µA
II(hold)
VI = 2 V
3 V
−75
µA
VI = 0 to 3.6 V
3.6 V
±500
IOZ‡
VO = VCC or GND
3.6 V
±10
µA
ICC
VI = VCC or GND,
IO = 0
3.6 V
40
µA
nICC
VCC = 3 V to 3.6 V,
Other inputs at VCC or GND
One input at VCC − 0.6 V,
750
µA
Ci
VI = VCC or GND
3.3 V
3.5
pF
Cio
VO = VCC or GND
3.3 V
7
pF
† For conditions shown as MIN or MAX, use the appropriate values under recommended operating conditions.
‡ For I/O ports, the parameter IOZ includes the input-leakage current.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com