Electronic Components Datasheet Search
  English  ▼

X  

SN74ALVC16721 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74ALVC16721
Description  3.3-V 20-BIT FLIP-FLOP WITH 3-STATE OUTPUTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALVC16721 Datasheet(HTML) 5 Page - Texas Instruments

  SN74ALVC16721 Datasheet HTML 1Page - Texas Instruments SN74ALVC16721 Datasheet HTML 2Page - Texas Instruments SN74ALVC16721 Datasheet HTML 3Page - Texas Instruments SN74ALVC16721 Datasheet HTML 4Page - Texas Instruments SN74ALVC16721 Datasheet HTML 5Page - Texas Instruments SN74ALVC16721 Datasheet HTML 6Page - Texas Instruments SN74ALVC16721 Datasheet HTML 7Page - Texas Instruments SN74ALVC16721 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SN74ALVC16721
3.3V 20BIT FLIPFLOP
WITH 3STATE OUTPUTS
SCAS267A − MARCH 1993 − REVISED MAY 1995
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figures 1 and 2)
VCC = 3.3 V
± 0.15 V
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
0
150
0
150
0
150
MHz
tw
Pulse duration, CLK high or low
3.3
3.3
3.3
ns
tsu
Setup time
Data before CLK
↑
High or low
4
3.6
3.1
ns
tsu
Setup time
CLKEN before CLK
↑ High or low
3.4
3.1
2.7
ns
th
Hold time
Data after CLK
↑
High or low
0
0
0
ns
th
Hold time
CLKEN after CLK
↑
High or low
0
0
0
ns
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figures 1 and 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 2.5 V
± 0.2 V
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
150
150
150
MHz
tpd
CLK
Q
1
7
1
5.7
1
4.9
ns
ten
OE
Q
1
7.4
1
6.5
1
5.4
ns
tdis
OE
Q
1
6.2
1
5.1
1
4.8
ns
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
VCC = 2.5 V
± 0.2 V
VCC = 3.3 V
± 0.3 V
UNIT
PARAMETER
TEST CONDITIONS
TYP
TYP
UNIT
Cpd
Power dissipation capacitance
Outputs enabled
CL = 50 pF,
f = 10 MHz
55
59
pF
Cpd
Power dissipation capacitance
Outputs disabled
CL = 50 pF,
f = 10 MHz
46
49
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com