Electronic Components Datasheet Search
  English  ▼

X  

SN74F378DR Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74F378DR
Description  HEX D-TYPE FLIP-FLOP WITH CLOCK ENABLE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74F378DR Datasheet(HTML) 3 Page - Texas Instruments

  SN74F378DR Datasheet HTML 1Page - Texas Instruments SN74F378DR Datasheet HTML 2Page - Texas Instruments SN74F378DR Datasheet HTML 3Page - Texas Instruments SN74F378DR Datasheet HTML 4Page - Texas Instruments SN74F378DR Datasheet HTML 5Page - Texas Instruments SN74F378DR Datasheet HTML 6Page - Texas Instruments SN74F378DR Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SN74F378
HEX DTYPE FLIPFLOP
WITH CLOCK ENABLE
SDFS030B − D2932, MARCH 1987 − REVISED OCTOBER 1993
2−3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = − 18 mA
− 1.2
V
VOH
VCC = 4.5 V,
IOH = − 1 mA
2.5
3.4
V
VOH
VCC = 4.75 V,
IOH = − 1 mA
2.7
V
VOL
VCC = 4.5 V,
IOL = 20 mA
0.3
0.5
V
II
VCC = 5.5 V,
VI = 7 V
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
µA
IIL
VCC = 5.5 V,
VI = 0.5 V
− 0.6
mA
IOS‡
VCC = 5.5 V,
VO = 0
−60
− 150
mA
ICC
VCC = 5.5 V,
See Note 2
30
45
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ Not more than one output should be shorted at a time, and the duration of the short circuit should not exceed one second.
NOTE 2: ICC is measured with all outputs open, all data inputs and the enable input grounded, and the clock input at 4.5 V after being momentarily
grounded.
timing requirements
VCC = 5 V,
TA = 25°C
VCC = 4.5 V to 5.5 V,
TA = MIN to MAX§
UNIT
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
0
110
0
110
MHz
tw
Pulse duration
CLK high
4
4
ns
tw
Pulse duration
CLK low
6
6
ns
Data high or low
5
5
tsu
Setup time before CLK
↑
CLKEN high
3.5
3.5
ns
tsu
Setup time before CLK
↑
CLKEN low
5
5
ns
th
Hold time after CLK
↑
Data high or low
1
1
ns
th
Hold time after CLK
↑
CLKEN high or low
0
0
ns
switching characteristics (see Note 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
CL = 50 pF,
RL = 500 Ω,
TA = 25°C
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX§
UNIT
MIN
TYP
MAX
MIN
MAX
fmax
110
125
110
MHz
tPLH
CLK
Any Q
3.3
4.5
6.1
3.1
6.7
ns
tPHL
CLK
Any Q
3
4.2
6
2.9
6.1
ns
§ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
NOTE 3: Load circuits and waveforms are shown in Section 1.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com