Electronic Components Datasheet Search
  English  ▼

X  

SN74F378DR Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74F378DR
Description  HEX D-TYPE FLIP-FLOP WITH CLOCK ENABLE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74F378DR Datasheet(HTML) 1 Page - Texas Instruments

  SN74F378DR Datasheet HTML 1Page - Texas Instruments SN74F378DR Datasheet HTML 2Page - Texas Instruments SN74F378DR Datasheet HTML 3Page - Texas Instruments SN74F378DR Datasheet HTML 4Page - Texas Instruments SN74F378DR Datasheet HTML 5Page - Texas Instruments SN74F378DR Datasheet HTML 6Page - Texas Instruments SN74F378DR Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SN74F378
HEX DTYPE FLIPFLOP
WITH CLOCK ENABLE
SDFS030B − D2932, MARCH 1987 − REVISED OCTOBER 1993
Copyright
1993, Texas Instruments Incorporated
2−1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
• Contains Six D-Type Flip-Flops
With Single-Rail Outputs
• Applications Include:
Buffer/Storage Registers
Shift Registers
Pattern Generators
• Buffered Common Enable Input
• Package Options Include Plastic
Small-Outline Packages and Standard
Plastic 300-mil DIPs
description
The SN74F378 is a positive-edge-triggered D-type flip-flop with a clock enable (CLKEN) input. The SN74F378
is similar to the SN74F174 but features a common clock enable instead of a common clear.
Information at the data (D) inputs meeting the setup time requirements is transferred to the Q outputs on the
positive-going edge of the clock pulse if CLKEN is low. Clock triggering occurs at a particular voltage level and
is not directly related to the positive-going pulse. When the clock (CLK) input is at either the high or low level,
the D-input signal has no effect at the output.
The SN74F378 is characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
(each flip-flop)
INPUTS
OUTPUT
CLKEN
CLK
D
OUTPUT
Q
H
X
X
Q0
L
↑
HH
L
↑
LL
X
L
X
Q0
logic symbol†
14
6D
6Q
15
2D
3
1D
4
2D
6
3D
11
4D
13
5D
1Q
2
2Q
5
3Q
7
4Q
10
5Q
12
G1
1
9
CLK
CLKEN
1C2
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
D OR N PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CLKEN
1Q
1D
2D
2Q
3D
3Q
GND
VCC
6Q
6D
5D
5Q
4D
4Q
CLK
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74F378DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F37 TI-SN74F37 Datasheet
145Kb / 4P
QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS
SN74F373 TI-SN74F373 Datasheet
54Kb / 4P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74F373 TI1-SN74F373 Datasheet
1Mb / 18P
OCTAL TRANSPARENT D-TYPE LATCHES
SN74F373DB TI-SN74F373DB Datasheet
54Kb / 4P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74F373DBLE TI-SN74F373DBLE Datasheet
529Kb / 16P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

Similar Description - SN74F378DR

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS377 MOTOROLA-SN54LS377 Datasheet
250Kb / 7P
OCTAL D FLIP-FLOP WITH ENABLE; HEX D FLIP-FLOP WITH ENABLE; 4-BIT D FLIP-FLOP WITH ENABLE
logo
National Semiconductor ...
54FCT377 NSC-54FCT377 Datasheet
151Kb / 8P
Octal D-Type Flip-Flop with Clock Enable
logo
NXP Semiconductors
74F378 PHILIPS-74F378 Datasheet
81Kb / 10P
Hex D flip-flop with enable
1989 Oct 05
logo
Texas Instruments
SN74F377A TI-SN74F377A Datasheet
69Kb / 5P
OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
logo
Fairchild Semiconductor
74F377 FAIRCHILD-74F377_00 Datasheet
75Kb / 7P
Octal D-Type Flip-Flop with Clock Enable
74AC377 FAIRCHILD-74AC377_08 Datasheet
426Kb / 13P
Octal D-Type Flip-Flop with Clock Enable
logo
Texas Instruments
74ACT11378 TI1-74ACT11378 Datasheet
102Kb / 6P
HEX D-TYPE FLIP-FLOP WITH CLOCK ENABLE
74ACT11379 TI1-74ACT11379 Datasheet
98Kb / 6P
QUAD D-TYPE FLIP-FLOP WITH CLOCK ENABLE
74ACT11377 TI1-74ACT11377_10 Datasheet
87Kb / 6P
OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
SN74F377A TI1-SN74F377A_16 Datasheet
813Kb / 13P
OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com