Electronic Components Datasheet Search
  English  ▼

X  

PT8125A Datasheet(PDF) 3 Page - Texas Instruments

Part # PT8125A
Description  30-A 12-V Input Programmable Integrated Switching Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT8125A Datasheet(HTML) 3 Page - Texas Instruments

  PT8125A Datasheet HTML 1Page - Texas Instruments PT8125A Datasheet HTML 2Page - Texas Instruments PT8125A Datasheet HTML 3Page - Texas Instruments PT8125A Datasheet HTML 4Page - Texas Instruments PT8125A Datasheet HTML 5Page - Texas Instruments PT8125A Datasheet HTML 6Page - Texas Instruments PT8125A Datasheet HTML 7Page - Texas Instruments PT8125A Datasheet HTML 8Page - Texas Instruments PT8125A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
PT8120 Series
30-A 12-V Input Programmable
Integrated Switching Regulator
PT8121 /2 /3 /5 Specifications (Unless otherwise stated Ta =25°C, Cin =1,500µF, Cout =660µF, Vin =12V, & Io = Iomax )
PT8121 /2 /3 /5 Only
Characteristics
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
Natural convection or
Vo ≤3.5V
0.1 (1)
—30
A
60°C with 200LFM airflow
Vo ≥4.5V
0.1 (1)
—28
Input Voltage Range
Vin
Over Io Range
10.8
—
13.2
V
Set-Point Voltage Tolerance
Vo tol
Over Vo range
—
±1
±2
%V
Line Regulation
∆Regline
Over Vin range
—
±10
—
mV
Load Regulation
∆Regload
Over Io range
—
±10
—
mV
Temperature Variation
∆Regtemp
–40°C
≤Ta ≤85°C
—
±0.5
—
%Vo
Total Output Voltage Variation
∆Votot
Includes set-point, line load,
——±3
%V
–40°C
≤Ta ≤ 85°C
Efficiency
η
Io =15A
Vo =5.0V
—
94
—
Vo =3.3V
—
92
—
Vo =2.5V
—
90
—
%
Vo =1.8V
—
86
—
Vo =1.5V
—
84
—
Vo
=1.2V
—
81
—
Io =Iomax
Vo =5.0V
—
93
—
Vo =3.3V
—
91
—
Vo =2.5V
—
88
—
%
Vo =1.8V
—
84
—
Vo =1.5V
—
82
—
Vo =1.2V
—
78
—
Vo Ripple (pk-pk)
Vr
20MHz bandwidth
—
20
—
mV
Transient Response
ttr
1A/µs load step, 50% to 100% Iomax
—
50
—
µSec
∆Vtr
Vo over/undershoot
—
100
—
mV
Over-Current Threshold
ITRIP
Reset followed by auto-recovery
Vo ≥4.5V
—
40
—
A
Vo ≤3.5V
—
45
—
Switching Frequency
ƒs
Over load range
300
350
400
kHz
Standby Control (pin 6)
Referenced to GND (pins 17–22)
Input High Voltage
VIH
—
—
Open (2)
V
Input Low Voltage
VIL
-0.2
—
0.8
Input Low Current
IIL
Pin 6 to GND
—
0.5
—
mA
Standby Input Current
Iin standby
Pin 6 to GND
—
35
—
mA
External Output Capacitance
Cout
See PT812x application schematic
660 (3)
—
30,000
µF
External Input Capacitance
Cin
See PT812x application schematic
1,500
—
—
µF
Operating Temperature Range
Ta
Over Vin Range
–40 (4)
—+85 (5)
°C
Storage Temperature
Ts
—
-40
—
+125
°C
Mechanical Shock
Per Mil-STD-883D, Method 2002.3
—
500
—
G’s
1 msec, Half Sine, mounted to a fixture
Mechanical Vibration
Mil-STD-883D, Method 2007.2
—
20 (6)
—
G’s
20-2000 Hz, soldered in PCB
Weight
—
Vertical/Horizontal
—
55
—
grams
Flammability
—
Materials meet UL 94V-0
Notes: (1) ISR-will operate down to no load with reduced specifications.
(2) The Standby input (pin 6) has an internal pull-up. If it is left open-circuit the PT812x will operate when input power is applied. A low-leakage
MOSFET is recommended to control this input. The open-circuit voltage is nominally 5V. See application notes for interface considerations.
(3) The PT8120 regulators require a minimum of 660µF, low ESR ouput capacitance (1,200µF for standard aluminum electrolytic) for proper operation.
(4) For operation below 0°C, Cout must have stable characteristics. Use either low ESR tantalum or Oscon® capacitors.
(5) See safe Operating Area curves or consult factory for the appropriate derating.
(6) The case pins on the through-hole package types (suffixes N & A) must be soldered. For more information see the applicable package outline drawing.
Input Filter: An input filter inductor is optional for most applications. The inductor must be rated to handle the projected input current. A rating of 10ADC for
Vout ≤3.3V, and 15ADC for Vout ≥4.5V is recommended. The input capacitance must be rated for a minimum of 1.6Arms of ripple current. For transient or dynamic
load applications, additional capacitance may be required. For more information consult the application note on capacitor selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com