Electronic Components Datasheet Search
  English  ▼

X  

PT8125A Datasheet(PDF) 4 Page - Texas Instruments

Part # PT8125A
Description  30-A 12-V Input Programmable Integrated Switching Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT8125A Datasheet(HTML) 4 Page - Texas Instruments

  PT8125A Datasheet HTML 1Page - Texas Instruments PT8125A Datasheet HTML 2Page - Texas Instruments PT8125A Datasheet HTML 3Page - Texas Instruments PT8125A Datasheet HTML 4Page - Texas Instruments PT8125A Datasheet HTML 5Page - Texas Instruments PT8125A Datasheet HTML 6Page - Texas Instruments PT8125A Datasheet HTML 7Page - Texas Instruments PT8125A Datasheet HTML 8Page - Texas Instruments PT8125A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
PT8120 Series
30-A 12-V Input Programmable
Integrated Switching Regulator
PT8124 Standard Application
Cin
= Required 1500µF electrolytic
Cout = Required 660µF low ESR OS-Con®, or
1,200µF aluminum electrolytic
Lin
= Optional 1µH input choke
PT8124
(Only)
4321
31
23–30
617–22
12–16
L
O
A
D
C
OUT
+
C
IN
+
PROGRAMMING PINS
V
IN
V
OUT
GND
REMOTE SENSE
STBY*
VID 25mV
VID 0
VID 1
VID 2
L
in
1µH
GND
VID 3
5
VID
Common
11
VID 3
VID 2 VID 1 VID 0
11
11
11
10
11
01
11
00
10
11
10
10
10
01
10
00
01
11
01
10
01
01
01
00
00
11
00
10
00
01
00
00
*For STBY pin:
Open
=Output Enabled
Ground
=Output Disabled
Pin Function
1
VID 25mV
2
VID 0
3
VID 1
4
VID 2
5
VID 3
6
STBY
7
Do Not Connect
8
Do Not Connect
9
Do Not Connect
10
Do Not Connect
11
VID Common
12
Vin
13
Vin
14
Vin
15
Vin
16
Vin
Notes:
i) Logic 0 = Connect to VID Common
ii) Logic 1 = Open circuit (no pull-up resistors)
iii) VID2 and VID3 may not be changed while the unit is operating.
Pin Function
17
GND
18
GND
19
GND
20
GND
21
GND
22
GND
23
Vout
24
Vout
25
Vout
26
Vout
27
Vout
28
Vout
29
Vout
30
Vout
31
Remote Sense
PT8124 Pin-Out Information
(VRM 8.5)
VID 25mV=0
VID 25mV=1
Vout
Vout
1.300V
1.325V
1.350V
1.375V
1.400V
1.425V
1.450V
1.475V
1.500V
1.525V
1.550V
1.575V
1.600V
1.625V
1.650V
1.675V
1.700V
1.725V
1.750V
1.775V
1.800V
1.825V
1.050V
1.075V
1.100V
1.125V
1.150V
1.175V
1.200V
1.225V
1.250V
1.275V
PT8124 Voltage Programming Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com