Electronic Components Datasheet Search
  English  ▼

X  

PT8139C Datasheet(PDF) 2 Page - Texas Instruments

Part # PT8139C
Description  30-A Programmable Integrated Switching Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT8139C Datasheet(HTML) 2 Page - Texas Instruments

  PT8139C Datasheet HTML 1Page - Texas Instruments PT8139C Datasheet HTML 2Page - Texas Instruments PT8139C Datasheet HTML 3Page - Texas Instruments PT8139C Datasheet HTML 4Page - Texas Instruments PT8139C Datasheet HTML 5Page - Texas Instruments PT8139C Datasheet HTML 6Page - Texas Instruments PT8139C Datasheet HTML 7Page - Texas Instruments PT8139C Datasheet HTML 8Page - Texas Instruments PT8139C Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
PT8139—12V
30-A Programmable Integrated
Switching Regulator
* For STBY pin:
Open
=Output Enabled
Ground
=Output Disabled
Pin Function
1
VID 0
2
VID 1
3
VID 2
4
VID 3
5
VID 4
6
STBY *
7
Do Not Connect
8
Do Not Connect
9
Do Not Connect
10
Do Not Connect
11
VID Common
Pin Function
12
Vin
13
Vin
14
Vin
15
Vin
16
Vin
17
GND
18
GND
19
GND
20
GND
21
GND
Pin Function
22
GND
23
Vout
24
Vout
25
Vout
26
Vout
27
Vout
28
Vout
29
Vout
30
Vout
31
Remote Sense
Pin-Out Information
Output Voltage Programming Information
VID 3
VID 2 VID 1 VID 0
11
11
11
10
11
01
11
00
10
11
10
10
10
01
10
00
01
11
01
10
01
01
01
00
00
11
00
10
00
01
00
00
Notes:
i) Logic 0 = Connect to VID Common
ii) Logic 1 = Open circuit (no pull-up resistors)
iii) VID3 and VID4 may not be changed while the unit is operating.
PT8139
(Custom Code)
VID 4=1
VID 4=0
Vout
Vout
2.50V
1.70V
2.60V
1.75V
2.70V
1.80V
2.80V
1.85V
2.90V
1.90V
3.00V
1.95V
3.10V
2.00V
3.20V
2.05V
3.30V
2.10V
3.40V
2.15V
3.50V
2.20V
3.60V
2.25V
3.70V
2.30V
3.80V
2.35V
3.90V
2.40V
4.00V
2.45V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com