Electronic Components Datasheet Search
  English  ▼

X  

PT8139C Datasheet(PDF) 1 Page - Texas Instruments

Part # PT8139C
Description  30-A Programmable Integrated Switching Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT8139C Datasheet(HTML) 1 Page - Texas Instruments

  PT8139C Datasheet HTML 1Page - Texas Instruments PT8139C Datasheet HTML 2Page - Texas Instruments PT8139C Datasheet HTML 3Page - Texas Instruments PT8139C Datasheet HTML 4Page - Texas Instruments PT8139C Datasheet HTML 5Page - Texas Instruments PT8139C Datasheet HTML 6Page - Texas Instruments PT8139C Datasheet HTML 7Page - Texas Instruments PT8139C Datasheet HTML 8Page - Texas Instruments PT8139C Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Standard Application
PT8139—12V
Description
The PT8139 Excalibur™ module
is a high performance integrated
switching regulator (ISR), housed in
a solderable, 31-pin space-saving
copper package. Operating from an
input voltage of +12V, the module
provides up to 30A of power over a
range of low-output voltages.
The PT8139 incorporates a state-
of-the-art 2-phase multiple power
path. This topology extends the
output current range while improving
both the transient response and input
current ripple.
Features
• Single Device: 30ADC
• +12-V Input
• Programmable Output Voltage:
1.7V to 4.0V via 5-Bit Code
• Multiphase Topology
• High Efficiency: 92% @3.3V
• Output Remote Sense
30-A Programmable Integrated
Switching Regulator
SLTS156
(3/8/2002)
The PT8139 output voltage is
programmable over the voltage
range, 1.7V to 4.0V, via a 5-bit input
code. This makes the PT8139 an
ideal power source for many highly
integrated digital systems that de-
mand a high power supply current
at low voltages.
The PT8139 features include
short-circuit protection, thermal
shutdown, a Standby (On/Off)
control, and a remote sense to com-
pensate for voltage drop between
the regulator and the load.
• Short-Circuit Protection
• Thermal Shutdown
• Standby On/Off Control
• Space-Saving Package
• Solderable Copper Case
Ordering Information
PT8139
o = 1.7 to 4.0 Volts
PT Series Suffix (PT1234 x )
Case/Pin
Order
Package
Configuration
Suffix
Code
Vertical
N
(EKH)
Horizontal
A
(EKF)
SMD
C
(EKG)
(Reference the applicable package code drawing for
the dimensions and PC board layout)
Cin
= Required 1500µF electrolytic
Cout = Required 660µF low ESR OS-Con®, or
1,200µF aluminum electrolytic
Lin
= Optional 1µH input choke
PT8139
432
1
31
23–30
6
17–22
12–16
L
O
A
D
C
OUT
+
C
IN
+
PROGRAMMING PINS
V
IN
V
OUT
GND
REMOTE SENSE
STBY*
VID0
VID1
VID2
VID3
L
in
1µH
GND
VID4
5
VID
Common
11


Similar Part No. - PT8139C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT8100 TI-PT8100 Datasheet
231Kb / 14P
40-A 3.3/5-V Input Programmable Integrated Switching Regulator
logo
celduc-relais
PT810000 CELDUC-PT810000 Datasheet
233Kb / 1P
MOULDED CONTROL MAGNET
PT810000 CELDUC-PT810000 Datasheet
635Kb / 3P
CAPTEUR DE PROXIMITE MAGNETIQUE
07/11/2002
logo
Texas Instruments
PT8101 TI-PT8101 Datasheet
231Kb / 14P
40-A 3.3/5-V Input Programmable Integrated Switching Regulator
PT8101A TI-PT8101A Datasheet
231Kb / 14P
40-A 3.3/5-V Input Programmable Integrated Switching Regulator
More results

Similar Description - PT8139C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6722 TI-PT6722 Datasheet
166Kb / 7P
14-A Low-Voltage Programmable Integrated Switching Regulator
PT8125 TI-PT8125 Datasheet
192Kb / 10P
30-A 12-V Input Programmable Integrated Switching Regulator
PT7711 TI-PT7711 Datasheet
184Kb / 9P
20-A Programmable Integrated Switching Regulator
PT7712 TI-PT7712 Datasheet
165Kb / 8P
20-A Programmable Integrated Switching Regulator
PT7761-5V TI-PT7761-5V Datasheet
179Kb / 8P
40-A Programmable Integrated Switching Regulator Module
PT7671 TI1-PT7671 Datasheet
193Kb / 9P
30-A Programmable Integrated Switching Regulator
PT7673 TI1-PT7673 Datasheet
187Kb / 9P
30-A 5-Bit Programmable Integrated Switching Regulator
PT7675 TI1-PT7675 Datasheet
191Kb / 9P
30-A 5-Bit Programmable Integrated Switching Regulator
PT7713 TI1-PT7713 Datasheet
189Kb / 9P
20-A Programmable Integrated Switching Regulator
PT8120 TI1-PT8120 Datasheet
202Kb / 11P
30-A 12-V Input Programmable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com