Electronic Components Datasheet Search
  English  ▼

X  

TLC32071 Datasheet(PDF) 2 Page - Texas Instruments

Part # TLC32071
Description  HIGH-SPEED 8-BIT A/D AND D/A CONVERTER WITH 8-CHANNEL MULTIPLEXER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC32071 Datasheet(HTML) 2 Page - Texas Instruments

  TLC32071 Datasheet HTML 1Page - Texas Instruments TLC32071 Datasheet HTML 2Page - Texas Instruments TLC32071 Datasheet HTML 3Page - Texas Instruments TLC32071 Datasheet HTML 4Page - Texas Instruments TLC32071 Datasheet HTML 5Page - Texas Instruments TLC32071 Datasheet HTML 6Page - Texas Instruments TLC32071 Datasheet HTML 7Page - Texas Instruments TLC32071 Datasheet HTML 8Page - Texas Instruments TLC32071 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TLC32071
HIGHSPEED 8BIT A/D AND D/A CONVERTER
WITH 8CHANNEL MULTIPLEXER
SLAS051−D3973, DECEMBER 1991
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
2
functional block diagram
REF
D2−D4
16
17
15
27
25
DGTL GND
ANLG GND
VDD
VCC
ANLG COM
20
18
24
23
22
26
21
19
A7
A6
A5
A4
A3
A2
A1
A0
Conversion
A/D
Start
8
14−7
D0−D7
2
RESET
DEN
WE
CSAN
5
6
3
4
CSCNTRL
Amplifiers
Input
To
Vref(2.5 V nom)
Generator
Voltage
Reference
Bandgap
A/D Vref
DO−D7
MUX
ADC
8
3
ADC
28
8
3
22
5
D2−D6
3
1
ANAOUT
Loopback
Digital
Enable
D6
1
Register
MUX Control
REF
3
D0,D1
D2−D4
1
D5,D6
Select
Range
Output
D0−D6
7
ANLG COM
8
D0−D7
D/A Vref
DAC
Digital
I/O
Control
Range/ADC
MUX
Control
Register
100 k
Ω
100 k
Ω
Select
Range
Input
REF
MUX
All resistor values shown are nominal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com