Electronic Components Datasheet Search
  English  ▼

X  

TLC32071 Datasheet(PDF) 13 Page - Texas Instruments

Part # TLC32071
Description  HIGH-SPEED 8-BIT A/D AND D/A CONVERTER WITH 8-CHANNEL MULTIPLEXER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC32071 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLC32071 Datasheet HTML 7Page - Texas Instruments TLC32071 Datasheet HTML 8Page - Texas Instruments TLC32071 Datasheet HTML 9Page - Texas Instruments TLC32071 Datasheet HTML 10Page - Texas Instruments TLC32071 Datasheet HTML 11Page - Texas Instruments TLC32071 Datasheet HTML 12Page - Texas Instruments TLC32071 Datasheet HTML 13Page - Texas Instruments TLC32071 Datasheet HTML 14Page - Texas Instruments TLC32071 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
SLAS051−D3973, DECEMBER 1991
TLC32071
HIGHSPEED 8BIT A/D AND D/A CONVERTER
WITH 8CHANNEL MULTIPLEXER
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
13
PARAMETER MEASUREMENT INFORMATION
127
126
1
0
−1
−127
−128
IDEAL D/A OUTPUT VOLTAGE
vs
INPUT CODE
ANLG COM −128
× (FSR/256)
ANLG COM −127
× (FSR/256)
ANLG COM −126
× (FSR/256)
ANLG COM −1
× (FSR/256)
ACOM
ANLG COM +1
× (FSR/256)
ANLG COM + 126
× (FSR/256)
ANLG COM + 127
× (FSR/256)
FSR = 2, 4, 8 V
TA = 25°C
1 LSB = FSR/256
Input Code
Figure 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com