Electronic Components Datasheet Search
  English  ▼

X  

SC5014MLTRT Datasheet(PDF) 24 Page - Semtech Corporation

Part # SC5014MLTRT
Description  High Efficiency 4-Channel HB LED Driver with I2C Interface and Phase-Shifted PWM Dimming
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC5014MLTRT Datasheet(HTML) 24 Page - Semtech Corporation

Back Button SC5014MLTRT Datasheet HTML 20Page - Semtech Corporation SC5014MLTRT Datasheet HTML 21Page - Semtech Corporation SC5014MLTRT Datasheet HTML 22Page - Semtech Corporation SC5014MLTRT Datasheet HTML 23Page - Semtech Corporation SC5014MLTRT Datasheet HTML 24Page - Semtech Corporation SC5014MLTRT Datasheet HTML 25Page - Semtech Corporation SC5014MLTRT Datasheet HTML 26Page - Semtech Corporation SC5014MLTRT Datasheet HTML 27Page - Semtech Corporation SC5014MLTRT Datasheet HTML 28Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
SC5014
24
C5
2.7pF
VIN
(6-27V)
S C 504
VCC
EN
UVLO
SCP
SCL
SDA
PWM
IO4
IO3
IO2
IO1
OVP
R4
C4
100pF
R3
Q1
C12
SDA
R8
R15
C1
SCL
C3
L1
R1
PWM
R12
VCC (5V)
R6
R2
GND
R11
Vout
FLT
FLT
2.2µF
PGND
1µF
R7,110kΩ
20kΩ
10kΩ
R5
PAD
D1
C6
L2
C8
RCS
Figure 4— SEPIC Configuration
C5
2.7pF
VIN
(12-19V)
S C 504
VCC
EN
UVLO
SCP
SCL
SDA
PWM
IO4
IO3
IO2
IO1
OVP
R4
C4
100pF
R3
C6
Q1
C12
SDA
R8
R15
C1
SCL
C3
L1
R1
PWM
R12
VCC (5V)
R6
R2
GND
R11
Vout up to 70V
20 WLEDs per channel
FLT
FLT
2.2µF
10kΩ
PGND
10µF/25V
x3PCS
2.2µF/100V
x6PCS
1µF
75kΩ
50mΩ
787kΩ
10kΩ
25.5kΩ
R7,110kΩ
20kΩ
10kΩ
R5,40.2kΩ
250kΩ
D1
10kΩ
AON6482
DFLS1100
PAD
VIN
3.3µH
RCS
Figure 5— Cascode Configuration drives 80 LEDs@100mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com