Electronic Components Datasheet Search
  English  ▼

X  

SLAS191A Datasheet(PDF) 20 Page - Texas Instruments

Part # SLAS191A
Description  Starter Kit Evaluation Kit Manual
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLAS191A Datasheet(HTML) 20 Page - Texas Instruments

Back Button SLAS191A Datasheet HTML 16Page - Texas Instruments SLAS191A Datasheet HTML 17Page - Texas Instruments SLAS191A Datasheet HTML 18Page - Texas Instruments SLAS191A Datasheet HTML 19Page - Texas Instruments SLAS191A Datasheet HTML 20Page - Texas Instruments SLAS191A Datasheet HTML 21Page - Texas Instruments SLAS191A Datasheet HTML 22Page - Texas Instruments SLAS191A Datasheet HTML 23Page - Texas Instruments SLAS191A Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 86 page
background image
1–14
;****************************************************************************
;Getting Started 1 Demo Program
(C) TEXAS INSTRUMENTS on 2/96
;****************************************************************************
SIM
.set
0
; 1 = Simulator
; 0 = STK/EVK
RAM_orig
.set
00240h
; Free Memory startadress
SP_orig
.set
003DEh
; stackpointer
;––– Control register definitions
IE1
.equ
0h
IE2
.equ
01h
IFG1
.equ
02h
IFG2
.equ
03h
ME1
.equ
04h
ME2
.equ
05h
WDTCTL
.equ
0120h
WDTHold
.equ
80h
WDT_wrkey
.equ
05A00h
GIE
.equ
08h
;****************************************************************************
;Reset : Initialize processor
;****************************************************************************
.sect
“MAIN” ,RAM_orig
RESET
MOV
#SP_orig,SP
; initialize stackpointer
MOV
#(WDTHold+WDT_wrkey), &WDTCL
; Stop Watchdog Timer
;––– Clear
Special Function Registers
MOV.B
#08h, IE1
; ! Monitor !
CLR.B
IE2
CLR.B
IFG1
CLR.B
IFG2
JMP
$
; Endless Loop
File gs_stk1.asm
Figure 1–11. Getting Started Demo Program



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com