Electronic Components Datasheet Search
  English  ▼

X  

SLAS191A Datasheet(PDF) 37 Page - Texas Instruments

Part # SLAS191A
Description  Starter Kit Evaluation Kit Manual
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLAS191A Datasheet(HTML) 37 Page - Texas Instruments

Back Button SLAS191A Datasheet HTML 33Page - Texas Instruments SLAS191A Datasheet HTML 34Page - Texas Instruments SLAS191A Datasheet HTML 35Page - Texas Instruments SLAS191A Datasheet HTML 36Page - Texas Instruments SLAS191A Datasheet HTML 37Page - Texas Instruments SLAS191A Datasheet HTML 38Page - Texas Instruments SLAS191A Datasheet HTML 39Page - Texas Instruments SLAS191A Datasheet HTML 40Page - Texas Instruments SLAS191A Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 86 page
background image
2–1
2 Monitor Commands
This chapter describes the syntax conventions and the available commands of the Monitor Program.
2.1
Syntax Conventions
•
The numbers in brackets [ ] are optional.
•
x is a hexadecimal address.
•
n is the hexadecimal number of bytes to show.
•
i is the hexadecimal register number.
•
Only the r, m, and e commands expect <ENTER> or <ESC> commands.
•
The <ESC> key provides a keyboard interrupt for all command inputs except m.
•
The half-duplex UART prevents keyboard interrupts while entering a large number of bytes to
show the results of an action.
•
The registers are named in hexadecimal format from R0 to RF.
•
All addresses or memory/register contents must be entered in hexadecimal mode. Entering
zeros in the MSB is optional.
•
Errors in address or memory/register contents in the terminal input must be corrected by
re-entering all four hexadecimal digits. The leading (MSB) zeros are optional.
•
The Arrow, Insert, Delete, or Backspace keys can not be used to change an incorrect terminal
input.
2.2
Memory Organization
To use some commands, it is necessary to know the memory locations and their functions (see Figure 2–1).
In memory locations 000h to 0FFh, only the byte mode is possible. In memory locations 100h to 1FFh, only
the word mode is possible. Memory locations 010h to 0FFh are reserved for 8-bit peripheral modules, and
the locations between 100h and 1FFh are reserved for 16-bit peripheral modules.
INT. VECTOR
16 KB EPROM
512 B RAM
16 Bit Peripheral Modules
8 Bit Peripheral Modules
Special Function Register
FFFFh
FFE0h
FFDFh
C000h
03FFh
0200h
01FFh
0100h
00FFh
0010h
000Fh
0000h
INT. VECTOR
32 KB EPROM
1 KB RAM
16 Bit Peripheral Modules
8 Bit Peripheral Modules
Special Function Register
FFFFh
FFE0h
FFDFh
8000h
05FFh
0200h
01FFh
0100h
00FFh
0010h
000Fh
0000h
MSP430x320
MSP430x330
Figure 2–1. Memory Organization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com