Electronic Components Datasheet Search
  English  ▼

X  

SWRU281 Datasheet(PDF) 5 Page - Texas Instruments

Part # SWRU281
Description  CC85XXDK-HEADSET User?셲 Guide
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWRU281 Datasheet(HTML) 5 Page - Texas Instruments

  SWRU281 Datasheet HTML 1Page - Texas Instruments SWRU281 Datasheet HTML 2Page - Texas Instruments SWRU281 Datasheet HTML 3Page - Texas Instruments SWRU281 Datasheet HTML 4Page - Texas Instruments SWRU281 Datasheet HTML 5Page - Texas Instruments SWRU281 Datasheet HTML 6Page - Texas Instruments SWRU281 Datasheet HTML 7Page - Texas Instruments SWRU281 Datasheet HTML 8Page - Texas Instruments SWRU281 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
A
www.ti.com
SWRU281A
Page 5 of 20
4 PurePath Wireless Headset Kit Overview
The main purpose of the PurePath Wireless Headset Kit is letting the user evaluate complete
headphone and headset functionality with the CC85xx devices. The CC85xx Headset board is a
low cost and low power reference design for a state-of-the-art wireless headphone/headset. The kit
can also be used to demonstrate simple cable replacement applications. Finally it has a USB micro
connector for evaluation of USB applications, however firmware with USB support is not yet
available upon the release of this kit.
The development kit can be used through all stages of development of applications with CC85xx:
• Evaluate CC85xx RF performance and range testing with the onboard inverted-F PCB
antenna
• Test wireless sound quality. The onboard codec is the TLV320AIC3204 [3]
• Interface to analog input and output (3.5 mm mini-jack)
• Interface to USB audio and USB HID on the protocol master
• Support for programming interface with the PurePath Wireless Configurator PC software [4]
Figure 1 shows the main components of the PurePath Wireless Headset Kit.
• 2 pcs CC85xx Headset boards
• 2 pcs 1.72Wh (3.7V, 465mAh) Li-ion batteries
• 1 pcs CC Debugger [7], used to program the CC8531 onboard the CC85xx Headset
boards, or in an end customer application
Figure 1. The main components included in the PurePath Wireless Headset Kit.
Also included in the kit is:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com