Electronic Components Datasheet Search
  English  ▼

X  

SWRU281 Datasheet(PDF) 11 Page - Texas Instruments

Part # SWRU281
Description  CC85XXDK-HEADSET User?셲 Guide
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWRU281 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SWRU281 Datasheet HTML 7Page - Texas Instruments SWRU281 Datasheet HTML 8Page - Texas Instruments SWRU281 Datasheet HTML 9Page - Texas Instruments SWRU281 Datasheet HTML 10Page - Texas Instruments SWRU281 Datasheet HTML 11Page - Texas Instruments SWRU281 Datasheet HTML 12Page - Texas Instruments SWRU281 Datasheet HTML 13Page - Texas Instruments SWRU281 Datasheet HTML 14Page - Texas Instruments SWRU281 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
A
www.ti.com
SWRU281A
Page 11 of 20
6.4 Buttons and LEDs
On the CC85xx Headset board there is a rocker switch and 2 LEDs to be used for “human
interaction”. This switch actually has 5 positions i.e. IN, UP, DOWN, HALFWAY UP and HALFWAY
DOWN, but the positions HALFWAY UP and HALFWAY DOWN are not in use. This can also be
seen from the schematic (Appendix A). Table 1 shows the button positions and the signals they
assert, as well as out-of-the-box functionality tied to these signals.
Table 1: Human interaction signal mapping
Button position
CC85xx pin
Out-of-the-box functionality
IN
CSN
Pairing button and power toggling
UP
GIO1
Slave: volume up, Master: no function
DOWN
GIO3
Slave: volume down, Master: no function
HALFWAY UP
NC
-
HALFWAY DOWN
NC
-
LED (D2) is connected to the CC85xx pin GIO12, and the intended usage of this diode is as a
network status LED. For details on how to configure the network LED please see the PurePath
Wireless Configurator [4]. The other LED (D3) is connected to the charger IC BQ25015 (for more
details see section 6.2).
6.5 RF Performance
The CC85xx Headset board does not have the output connected to a SMA connector, it is only
connected to an inverted F antenna. However, the output power measured into a 50 0hm load as
shown in Figure 6, is approximately 9 dBm. Please note that the supply voltage of the board is
approximately 2.15V. Note that to achieve maximum output power the supply voltage of the board
must be raised from 2.15V to 3.3V. This can be done by changing the ratio between the BQ25015
feedback resistors according to eq 8 in the BQ25015 datasheet [14]. The audio link is sustained for
input signals above -87dBm. Hence, a total link budget of 96 dB can be archived with the CC85xx
Headset board.
Finally, the design is pre-scanned for ETSI and FCC compliance, and the CC85xx Headset board
is suitable to fulfill these specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com