Electronic Components Datasheet Search
  English  ▼

X  

VLMB1310 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VLMB1310
Description  Highbright 0603 ChipLED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMB1310 Datasheet(HTML) 1 Page - Vishay Siliconix

  VLMB1310 Datasheet HTML 1Page - Vishay Siliconix VLMB1310 Datasheet HTML 2Page - Vishay Siliconix VLMB1310 Datasheet HTML 3Page - Vishay Siliconix VLMB1310 Datasheet HTML 4Page - Vishay Siliconix VLMB1310 Datasheet HTML 5Page - Vishay Siliconix VLMB1310 Datasheet HTML 6Page - Vishay Siliconix VLMB1310 Datasheet HTML 7Page - Vishay Siliconix VLMB1310 Datasheet HTML 8Page - Vishay Siliconix VLMB1310 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
VLMS1300, VLMO1300, VLMY1300, VLMG1300, VLMTG1300, VLMB1300, VLMB1310
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 25-Jul-12
1
Document Number: 82437
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Highbright 0603 ChipLED
DESCRIPTION
The new ChipLED series have been designed in the smallest
SMD package. This innovative ChipLED technology opens
the way to
• smaller products of higher performance
• more design in flexibility
• enhanced applications
The 0603 LED is an obvious solution for small-scale, high
brightness products that are expected to work reliably in an
arduous environment.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: SMD 0603 ChipLED
• Product series: standard
• Angle of half intensity: ± 65°
FEATURES
• Super thin ChipLED with exceptional brightness
1.6 mm x 0.8 mm x 0.8 mm (L x W x H)
• High reliability PCB based
• Wavelength (465 to 475) nm (blue), typ. 525 nm
(true green), typ. 571 nm (yellow green), (584.5
to 597) nm (yellow), typ. 605 nm (soft orange),
typ. 631 nm (super red)
• InGaN blue available with protection diode,
device type VLMB1310 with HBM 8000 V
• AllnGaP and InGaN technology
• Viewing angle: extremely wide 130°
• Grouping parameter: luminous intensity, wavelength, VF
• Available in 8 mm tape on 7" diameter reel
• Compatible to IR reflow soldering
• Preconditioning: according to JEDEC level 3
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Backlight keypads
• Navigation systems
• Cellular phone displays
• Displays for industrial control systems
• Miniaturized color effects
• Traffic displays
PARTS TABLE
PART
COLOR
LUMINOUS INTENSITY
(mcd)
at IF
(mA)
WAVELENGTH
(nm)
FORWARD VOLTAGE
(V)
TECHNOLOGY
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
VLMS1300-GS08
Super red
18
54
-
20
-
631
-
-
2.0
2.4
AlInGaP
VLMO1300-GS08
Soft orange
45
90
-
20
-
605
-
-
2.0
2.4
AlInGaP
VLMY1300-GS08
Yellow
28
-
180
20
584.5
-
597
1.8
-
2.4
AlInGaP
VLMG1300-GS08
Yellow green
18
35
-
20
-
571
-
-
2.0
2.4
AlInGaP
VLMTG1300-GS08
True green
71
-
450
20
-
525
-
2.8
3.2
3.6
InGaN
VLMB1300-GS08
Blue
28
-
180
20
465
-
475
2.8
-
3.8
InGaN
VLMB1310-GS08
Blue
28
-
180
20
465
-
475
2.8
-
3.8
InGaN


Similar Part No. - VLMB1310

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
VLMB1310-GS08 TO-GRACE-VLMB1310-GS08 Datasheet
901Kb / 13P
Highbright 0603 ChipLED
VLMB1310-GS08 TO-GRACE-VLMB1310-GS08 Datasheet
901Kb / 13P
Highbright 0603 ChipLED
logo
Vishay Siliconix
VLMB1310-GS08 VISHAY-VLMB1310-GS08 Datasheet
249Kb / 13P
Highbright 0603 ChipLED
19-Mar-2021
More results

Similar Description - VLMB1310

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMW1300 VISHAY-VLMW1300 Datasheet
176Kb / 8P
Highbright 0603 ChipLED
08-Nov-11
VLMW1301 VISHAY-VLMW1301 Datasheet
239Kb / 8P
Highbright 0603 ChipLED
22-Sep-14
VLMTG1400 VISHAY-VLMTG1400 Datasheet
226Kb / 10P
Highbright 0603 ChipLED
25-Jan-18
logo
HK TO-GRACE TECHNOLOGY ...
VLMS1300 TO-GRACE-VLMS1300 Datasheet
901Kb / 13P
Highbright 0603 ChipLED
VLMTG1300 TO-GRACE-VLMTG1300 Datasheet
901Kb / 13P
Highbright 0603 ChipLED
VLMTG1400 TO-GRACE-VLMTG1400 Datasheet
689Kb / 10P
Highbright 0603 ChipLED
VLMW1300 TO-GRACE-VLMW1300 Datasheet
581Kb / 8P
Highbright 0603 ChipLED
VLMW1301 TO-GRACE-VLMW1301 Datasheet
581Kb / 8P
Highbright 0603 ChipLED
logo
Vishay Siliconix
VLMS1300 VISHAY-VLMS1300_V01 Datasheet
250Kb / 13P
Highbright 0603 ChipLED
19-Mar-2021
VLMW1301 VISHAY-VLMW1301_V01 Datasheet
208Kb / 8P
Highbright 0603 ChipLED
19-Mar-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com