Electronic Components Datasheet Search
  English  ▼

X  

VLMB1310 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VLMB1310
Description  Highbright 0603 ChipLED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMB1310 Datasheet(HTML) 4 Page - Vishay Siliconix

  VLMB1310 Datasheet HTML 1Page - Vishay Siliconix VLMB1310 Datasheet HTML 2Page - Vishay Siliconix VLMB1310 Datasheet HTML 3Page - Vishay Siliconix VLMB1310 Datasheet HTML 4Page - Vishay Siliconix VLMB1310 Datasheet HTML 5Page - Vishay Siliconix VLMB1310 Datasheet HTML 6Page - Vishay Siliconix VLMB1310 Datasheet HTML 7Page - Vishay Siliconix VLMB1310 Datasheet HTML 8Page - Vishay Siliconix VLMB1310 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
VLMS1300, VLMO1300, VLMY1300, VLMG1300, VLMTG1300, VLMB1300, VLMB1310
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 25-Jul-12
4
Document Number: 82437
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Luminous intensity is tested at a current pulse duration of 25 ms
and an accuracy of ± 15 %.
The above type numbers represent the order groups which
include only a few brightness groups. Only one group will be
shipped on each reel (there will be no mixing of two groups on
each reel).In order to ensure availability, single brightness
groups will not be orderable.
In a similar manner for colors where wavelength groups are
measured and binned, single wavelength groups will be shipped
in any one reel.
In order to ensure availability, single wavelength groups will not
be orderable.
Note
• Wavelengths are tested at a current pulse duration of 25 ms and
an accuracy of ± 1 nm.
Note
• Forward voltage is measured with a tolerance of ± 0.1 V.
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LUMINOUS INTENSITY (mcd)
MIN.
MAX.
M18
28
N28
45
P45
71
Q
71
112
R
112
180
S
180
280
T
280
450
COLOR CLASSIFICATION
COLOR
GROUP
DOMINANT WAVELENGTH
(nm)
MIN.
MAX.
Yellow
H
584.5
587.5
J
587.5
589.5
K
589.5
592
L
592
594.5
M
594.5
597
Yellow green
C
567.5
570.5
D
570.5
573.5
E
573.5
576.5
True green
AP
520
525
AQ
525
530
AR
530
535
Blue
AC
465
470
AD
470
475
FORWARD VOLTAGE CLASSIFICATION
COLOR
GROUP
FORWARD VOLTAGE (V)
MIN.
MAX.
Yellow
F2
1.8
2.1
F3
2.1
2.4
Yellow green
41.9
2
52
2.1
62.1
2.2
72.2
2.3
82.3
2.4
True green
D7
2.8
3
D8
3
3.2
D9
3.2
3.4
D10
3.4
3.6
Blue
D7
2.8
3
D8
3
3.2
D9
3.2
3.4
D10
3.4
3.6
D11
3.6
3.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com