Electronic Components Datasheet Search
  English  ▼

X  

VO2223 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VO2223
Description  Optocoupler, Power Phototriac
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VO2223 Datasheet(HTML) 2 Page - Vishay Siliconix

  VO2223 Datasheet HTML 1Page - Vishay Siliconix VO2223 Datasheet HTML 2Page - Vishay Siliconix VO2223 Datasheet HTML 3Page - Vishay Siliconix VO2223 Datasheet HTML 4Page - Vishay Siliconix VO2223 Datasheet HTML 5Page - Vishay Siliconix VO2223 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
VO2223
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 12-Sep-12
2
Document Number: 81166
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ABSOLUTE MAXIMUM RATING CURVES
Fig. 1 - Power Dissipation vs. Temperature
Fig. 2 - Allowable Load Current vs. Ambient Temperature
Note
• The allowable load current was calculated out under a given
operating conditions and only for reference:
LED power: QE = 0.015 W,
θBA (4-layer) = 30 °C/W
Note
• Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluations. Typical values are for information only and are not part of the testing requirements.
Fig. 3 - dV/dt Test Circuit
0
20
40
60
80
- 40
T
A - Ambient Temperature (°C)
21296
120
- 20
100
80
60
40
20
0
Ambient Temperature (°C)
21906
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
- 40
10
60
110
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
LED trigger current
VT = 6 V
IFT
10
mA
LED reverse current
VR = 5 V
IR
10
μA
LED forward voltage
IF = 10 mA
VF
0.9
1.3
V
OUTPUT
Peak on-state voltage
IF = 10 mA, ITM = max.
VTM
2.5
V
Peak off-state current
IF = 10 mA, VDRM = 600 V
IDRM
100
μA
Holding current
RL = 100
Ω
IH
25
mA
Critical rate of rise of off-state
voltage
VIN = 400 VRMS (fig. 3)
dV/dtcr
210
V/μs
Critical rate of rise of commutating
voltage
VIN = 240 VRMS,
IT = 1 ARMS (fig. 3)
dV/dtcrq
0.7
V/μs
+
-
V
CC
R
IN
120
Ω
dV/dt (c)
dV/dt
0 V
5 V, V
CC
21575
AC
R
L
V
IN
M
on
R
L
R
TEST
V
IN
C
TEST



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com