Electronic Components Datasheet Search
  English  ▼

X  

VO2223 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VO2223
Description  Optocoupler, Power Phototriac
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VO2223 Datasheet(HTML) 3 Page - Vishay Siliconix

  VO2223 Datasheet HTML 1Page - Vishay Siliconix VO2223 Datasheet HTML 2Page - Vishay Siliconix VO2223 Datasheet HTML 3Page - Vishay Siliconix VO2223 Datasheet HTML 4Page - Vishay Siliconix VO2223 Datasheet HTML 5Page - Vishay Siliconix VO2223 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
VO2223
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 12-Sep-12
3
Document Number: 81166
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• This phototriac coupler is suitable for “Safe Electrical Insulation” only within the safety ratings. Compliance with safety ratings shall be
ensured by means of protective circuits.
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 4 - Forward Current vs. Forward Voltage
Fig. 5 - Reverse Voltage vs. Temperature
SAFETY AND INSULATION RATINGS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Climatic classification
IEC 68 part 1
40/85/21
Pollution degree
DIN VDE0109
2
Tracking resistance (comparative tracking index)
Insulation group IIIa
CTI
175
Highest allowable overvoltage
Transient
overvoltage
VIOTM
8000
Vpeak
Maximum working insulation voltage
Recurring peak
voltage
VIORM
890
Vpeak
Insulation resistance at 25 °C
VIO = 500 V
RIS
≥ 1012
Ω
Insulation resistance at TS
VIO = 500 V
RIS
≥ 109
Ω
Insulation resistance at 100 °C
VIO = 500 V
RIS
≥ 1011
Ω
Partial discharge test voltage
Method b,
Vpd = VIORM x 1.6
Vpd
1424
Vpeak
Safety limiting values -
maximum values allowed in
the event of a failure
Case temperature
TSI
165
°C
Input current
ISI
150
mA
Output power
PSO
2000
mW
Minimum external air gap (clearance distance)
Measured from input terminals
to output terminals, shortest
distance through air
≥ 7mm
Minimum external tracking (creepage distance)
Measured from input terminals
to output terminals, shortest
distance path along body
≥ 7mm
VF - Forward Voltage (V)
1
10
100
0.8
1
1.2
1.4
1.6
- 40 °C
85 °C
55 °C
25 °C
0 °C
Tamb - Temperature (°C)
40
45
50
55
- 40
- 15
10
35
60
85



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com