Electronic Components Datasheet Search
  English  ▼

X  

MCT7809CD2T Datasheet(PDF) 8 Page - Motorola, Inc

Part # MCT7809CD2T
Description  THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCT7809CD2T Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MCT7809CD2T Datasheet HTML 4Page - Motorola, Inc MCT7809CD2T Datasheet HTML 5Page - Motorola, Inc MCT7809CD2T Datasheet HTML 6Page - Motorola, Inc MCT7809CD2T Datasheet HTML 7Page - Motorola, Inc MCT7809CD2T Datasheet HTML 8Page - Motorola, Inc MCT7809CD2T Datasheet HTML 9Page - Motorola, Inc MCT7809CD2T Datasheet HTML 10Page - Motorola, Inc MCT7809CD2T Datasheet HTML 11Page - Motorola, Inc MCT7809CD2T Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MCT7800
MCT7800
8
MOTOROLA
Figure 1. Peak Output Current as a Function of
Input-Output Differential Voltage
Figure 2. Ripple Rejection as a Function of
Output Voltages (MCT78XXC)
Figure 3. Ripple Rejection as a Function of
Frequency (MCT78XXC)
Figure 4. Output Impedance as a Function of
Output Voltage (MCT78XXC)
Figure 5. Quiescent Current as a
Function of Temperature
VI – VO, INPUT-OUPUT VOLTAGE DIFFERENTIAL (V)
4.0
3.0
2.0
1.0
0
0
10
20
30
40
TJ = – 40°C
TJ = +125°C
TJ = +25°C
80
70
60
50
40
4.0
6.0
8.0
10
12
14
16
18
20
22
24
VO, OUTPUT VOLTAGE (V)
f = 120 Hz
IO = 20 mA
∆Vin = 1.0 Vrms
80
60
40
20
100
1.0 k
10 k
100 k
f, FREQUENCY (Hz)
10
Vin = 10 V
VO = 5.0 V
IO = 20 mA
f = 120 Hz
IO = 500 mA
CL = 0 µF
1000
500
300
200
100
50
30
20
10
4.0
8.0
12
16
20
24
VO, OUTPUT VOLTAGE (V)
6.0
4.0
3.0
2.0
1.0
0
–75
– 50
TJ, JUNCTION TEMPERATURE (°C)
– 25
0
25
50
75
100
125
Vin = 10 V
VO = 5.0 V
IO = 20 mA
MCT7805C
10 V
MCT7812C
19 V
MCT7815C
23 V
Vin
Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com