Electronic Components Datasheet Search
  English  ▼

X  

MCT7809CD2T Datasheet(PDF) 3 Page - Motorola, Inc

Part # MCT7809CD2T
Description  THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCT7809CD2T Datasheet(HTML) 3 Page - Motorola, Inc

  MCT7809CD2T Datasheet HTML 1Page - Motorola, Inc MCT7809CD2T Datasheet HTML 2Page - Motorola, Inc MCT7809CD2T Datasheet HTML 3Page - Motorola, Inc MCT7809CD2T Datasheet HTML 4Page - Motorola, Inc MCT7809CD2T Datasheet HTML 5Page - Motorola, Inc MCT7809CD2T Datasheet HTML 6Page - Motorola, Inc MCT7809CD2T Datasheet HTML 7Page - Motorola, Inc MCT7809CD2T Datasheet HTML 8Page - Motorola, Inc MCT7809CD2T Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MCT7800
3
MCT7800
MOTOROLA
ELECTRICAL CHARACTERISTICS (Vin = 10 V, IO = 500 mA, TJ = Tlow to Thigh [Note 1], unless otherwise noted.)
MCT7805B
MCT7805C
Characteristics
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Output Voltage (TJ = +25°C)
VO
4.8
5.0
5.2
4.8
5.0
5.2
Vdc
Output Voltage (5.0 mA
≤ IO ≤ 1.0 A, PO ≤15 W)
7.0 Vdc
≤ Vin ≤ 20 Vdc
8.0 Vdc
≤ Vin ≤ 20 Vdc
VO
—
4.75
—
5.0
—
5.25
4.75
—
5.0
—
5.25
—
Vdc
Line Regulation, TJ = +25°C (Note 2)
7.0 Vdc
≤ Vin ≤ 25 Vdc
8.0 Vdc
≤ Vin ≤ 12 Vdc
Regline
—
—
7.0
2.0
100
50
—
—
7.0
2.0
100
50
mV
Load Regulation, TJ = +25°C (Note 2)
5.0 mA
≤ Vin ≤ 1.5 A
250 mA
≤ Vin ≤ 750 mA
Regload
—
—
2.0
1.5
100
50
—
—
2.0
1.5
100
50
mV
Quiescent Current (TJ = +25°C)
IB
—
5.5
8.0
—
5.5
8.0
mA
Quiescent Current Change
7.0 Vdc
≤ Vin ≤ 25 Vdc
8.0 Vdc
≤ Vin ≤ 25 Vdc
5.0 mA
≤ IO ≤ 1.0 A
∆IB
—
—
—
—
—
—
—
1.3
0.5
—
—
—
—
—
—
1.3
—
0.5
mA
Ripple Rejection
8.0 Vdc
≤ Vin ≤ 18 Vdc, f = 120 Hz
RR
—
65
—
—
65
—
dB
Dropout Voltage (IO = 1.0 A, TJ = +25°C)
VI – VO
—
2.0
—
—
2.0
—
Vdc
Output Noise Voltage (TA = +25°C)
10 Hz
≤ f ≤ 100 kHz
Vn
—
10
—
—
10
—
µV/VO
Output Resistance f = 1.0 kHz
rO
—
1.3
—
—
1.3
—
m
Ω
Short Circuit Current Limit (TA = +25°C)
Vin = 35 Vdc
ISC
—
0.2
—
—
0.2
—
A
Peak Output Current (TJ = +25°C)
Imax
—
2.2
—
—
2.2
—
A
Average Temperature Coefficient of Output Voltage
TCVO
—
0.5
—
—
0.5
—
mV/
°C
ELECTRICAL CHARACTERISTICS (Vin = 11 V, IO = 500 mA, TJ = Tlow to Thigh [Note 1], unless otherwise noted.)
MCT7806B
MCT7806C
Characteristics
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Output Voltage (TJ = +25°C)
VO
5.75
6.0
6.25
5.75
6.0
6.25
Vdc
Output Voltage (5.0 mA
≤ IO ≤ 1.0 A, PO ≤15 W)
8.0 Vdc
≤ Vin ≤ 21 Vdc
9.0 Vdc
≤ Vin ≤ 21 Vdc
VO
—
5.7
—
6.0
—
6.3
5.7
—
6.0
—
6.3
—
Vdc
Line Regulation, TJ = +25°C (Note 2)
8.0 Vdc
≤ Vin ≤ 25 Vdc
9.0 Vdc
≤ Vin ≤ 13 Vdc
Regline
—
—
7.0
2.0
120
60
—
—
7.0
2.0
120
60
mV
Load Regulation, TJ = +25°C (Note 2)
5.0 mA
≤ Vin ≤ 1.5 A
250 mA
≤ Vin ≤ 750 mA
Regload
—
—
2.0
1.5
120
60
—
—
2.0
1.5
120
60
mV
Quiescent Current (TJ = +25°C)
IB
—
5.5
8.0
—
5.5
8.0
mA
Quiescent Current Change
8.0 Vdc
≤ Vin ≤ 25 Vdc
9.0 Vdc
≤ Vin ≤ 25 Vdc
5.0 mA
≤ IO ≤ 1.0 A
∆IB
—
—
—
—
—
—
—
1.3
0.5
—
—
—
—
—
—
1.3
—
0.5
mA
Ripple Rejection
9.0 Vdc
≤ Vin ≤ 19 Vdc, f = 120 Hz
RR
—
65
—
—
65
—
dB
NOTES:
1. Tlow = 0°C for MCT78XXC
Thigh = +125°C for MCT78XXB, C. When the junction temperature exceeds +125°C, internal current limiting
= – 40
°C for MCT78XXB
will reduce the output current to less than 1.0 A at a VI–VO of 15 V or
greater. The MC7800 die will supply more current under the same conditions.
2. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately.
Pulse testing with low duty cycle is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com