Electronic Components Datasheet Search
  English  ▼

X  

CXA1998 Datasheet(PDF) 13 Page - Sony Corporation

Part # CXA1998
Description  Recording/Playback Equalizer Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1998 Datasheet(HTML) 13 Page - Sony Corporation

Back Button CXA1998 Datasheet HTML 9Page - Sony Corporation CXA1998 Datasheet HTML 10Page - Sony Corporation CXA1998 Datasheet HTML 11Page - Sony Corporation CXA1998 Datasheet HTML 12Page - Sony Corporation CXA1998 Datasheet HTML 13Page - Sony Corporation CXA1998 Datasheet HTML 14Page - Sony Corporation CXA1998 Datasheet HTML 15Page - Sony Corporation CXA1998 Datasheet HTML 16Page - Sony Corporation CXA1998 Datasheet HTML 17Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
– 13 –
CXA1998BQ
VIL
(LATCH/CLK/DATA/XRESET)
(Pins 24, 25, 26, 27)
VIH (LATCH/CLK/DATA/XRESET)
(Pins 24, 25, 26, 27)
VOL, IOL = 2mA (max)
(Pins 15, 16, 17, 18, 19, 20, 21, 22)
IOZ Leak current which flows to the output
pin when IOZ output is open; applied
voltage is 10V. (Pins 15 to 22)
(1) fCK
(2)
tWC
(3)
tWR
(4)
tSDK (DATA
→ CLK)
(5)
tHCD (CLK
→ DATA)
(6)
tWD
(7)
tSLD (LATCH
→ DATA)
(8)
tHCL (CLK
→ LATCH)
(9)
tHLC (LATCH
→ CLK)
Low level
input voltage
High level
input voltage
Low level
output voltage
High level output
off leak current
Maximum clock
frequency
Minimum clock
pulse width
Minimum reset
pulse width
Minimum data
setup time
Minimum data
hold time
Minimum data
pulse width
Minimum latch
setup time
Minimum latch
hold time
Minimum clock
hold time
0.0
3.5
0.0
—
500
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
1.5
VDD
0.5
1.0
—
1.0
1.0
1.0
1.0
2.0
1.0
1.0
1.0
Note)
• VDD is CPU supply voltage of 5.0V.
• VCC is 10.0V for high level output off-leak current.
• The threshold levels of low level input voltage and high level input voltage depend on VDD. Input level
detection is done by comparison with VDD/2. (Refer to “Equivalent circuit” of Pin Description.)
µs
V
µA
kHz
Item
Measurement conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com