Electronic Components Datasheet Search
  English  ▼

X  

CXA1998 Datasheet(PDF) 6 Page - Sony Corporation

Part # CXA1998
Description  Recording/Playback Equalizer Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1998 Datasheet(HTML) 6 Page - Sony Corporation

Back Button CXA1998 Datasheet HTML 2Page - Sony Corporation CXA1998 Datasheet HTML 3Page - Sony Corporation CXA1998 Datasheet HTML 4Page - Sony Corporation CXA1998 Datasheet HTML 5Page - Sony Corporation CXA1998 Datasheet HTML 6Page - Sony Corporation CXA1998 Datasheet HTML 7Page - Sony Corporation CXA1998 Datasheet HTML 8Page - Sony Corporation CXA1998 Datasheet HTML 9Page - Sony Corporation CXA1998 Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
– 6 –
CXA1998BQ
13
PBMUTE
14
RMUTE1
5.0V
—
Connects a capacitor
for setting time
constant for playback
mute ON/OFF
switching.
—
15
RMUTE
Output for recording
mute ON/OFF switch
control signal. Outputs
D11 from Pin 26
(DATA).
16
SPEED
5.0V
O
Output for
recording/playback
equalizer speed switch
control signal. Outputs
D9 from Pin 26 (DATA).
Low: Normal Speed
High: High Speed
(1.7 times)
—
17
BPA
5.0V
O
Outputs D6 from
Pin 26 (DATA).
18
BPB
Outputs D5 from
Pin 26 (DATA).
19
PL1
Outputs D4 from
Pin 26 (DATA).
20
PL2
Outputs D3 from
Pin 26 (DATA).
21
M1
Outputs D2 from
Pin 26 (DATA).
22
M2
Outputs D1 from
Pin 26 (DATA).
23
VDD
Power supply of serial
data interface block.
—
5.0V
—
—
13
14
VDD
VDD
20k
20k
GND
× 4
147
GND
GND
Connects a capacitor
for setting time
constant for recording
mute ON/OFF
switching.
× 4
VDD
5k
GND
GND
VDD
× 4
5k
20k
15
16
× 4
VDD
GND
GND
VDD
× 4
10k
20k
17
18
19
20
21
22
VDD
23
Pin
No.
Symbol
DC
voltage
I/O
Equivalent circuit
Description
I/O
resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com