Electronic Components Datasheet Search
  English  ▼

X  

CS8182 Datasheet(PDF) 8 Page - ON Semiconductor

Part # CS8182
Description  Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8182 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CS8182_09 Datasheet HTML 4Page - ON Semiconductor CS8182_09 Datasheet HTML 5Page - ON Semiconductor CS8182_09 Datasheet HTML 6Page - ON Semiconductor CS8182_09 Datasheet HTML 7Page - ON Semiconductor CS8182_09 Datasheet HTML 8Page - ON Semiconductor CS8182_09 Datasheet HTML 9Page - ON Semiconductor CS8182_09 Datasheet HTML 10Page - ON Semiconductor CS8182_09 Datasheet HTML 11Page - ON Semiconductor CS8182_09 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
CS8182
http://onsemi.com
8
Figure 18. 8 Lead SOIC (Fused) Thermal
Resistance
Figure 19. 5 Lead DPAK Thermal Resistance
COPPER AREA (mm2)
COPPER AREA (mm2)
700
600
500
400
300
200
100
0
0
20
40
60
80
100
160
180
700
600
500
400
300
200
100
0
0
20
40
60
80
100
160
180
120
140
800
1 oz
2 oz
800
1 oz
2 oz
120
140
Figure 20. 5 Lead D2PAK Thermal Resistance
Figure 21. Thermal Resistance Summary
COPPER AREA (mm2)
COPPER AREA (mm2)
700
600
500
400
300
200
100
0
0
20
40
60
80
100
160
180
700
600
500
400
300
200
100
0
0
20
40
60
80
100
160
180
120
140
800
1 oz
2 oz
800
120
140
8 Lead SOIC w/ 4 Thermal Leads 1 oz
8 Lead SOIC w/ 4 Thermal Leads 2 oz
5 Lead DPAK 1 oz
5 Lead DPAK 2 oz
5 Lead D2PAK 2 oz
5 Lead D2PAK 1 oz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com