Electronic Components Datasheet Search
  English  ▼

X  

CS8182 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS8182
Description  Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8182 Datasheet(HTML) 1 Page - ON Semiconductor

  CS8182_09 Datasheet HTML 1Page - ON Semiconductor CS8182_09 Datasheet HTML 2Page - ON Semiconductor CS8182_09 Datasheet HTML 3Page - ON Semiconductor CS8182_09 Datasheet HTML 4Page - ON Semiconductor CS8182_09 Datasheet HTML 5Page - ON Semiconductor CS8182_09 Datasheet HTML 6Page - ON Semiconductor CS8182_09 Datasheet HTML 7Page - ON Semiconductor CS8182_09 Datasheet HTML 8Page - ON Semiconductor CS8182_09 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2012
September, 2012 − Rev. 27
1
Publication Order Number:
CS8182/D
CS8182
Micropower 200 mA
Low Dropout Tracking
Regulator/Line Driver
The CS8182 is a monolithic integrated low dropout tracking
regulator designed to provides an adjustable buffered output voltage
that closely tracks (
±10 mV) the reference input. The output delivers
up to 200 mA while being able to be configured higher, lower or equal
to the reference voltages.
The device has been designed to operate over a wide range (2.8 V to
45 V) while still maintaining excellent DC characteristics. The
CS8182 is protected from reverse battery, short circuit and thermal
runaway conditions. The device also can withstand 45 V load dump
transients and −50 V reverse polarity input voltage transients. This
makes it suitable for use in automotive environments.
The VREF/ENABLE lead serves two purposes. It is used to provide
the input voltage as a reference for the output and it also can be pulled
low to place the device in sleep mode where it nominally draws 30
mA
from the supply.
Features
• 200 mA Source Capability
• Output Tracks within ±10 mV Worst Case
• Low Dropout (0.35 V Typ. @ 200 mA)
• Low Quiescent Current
• Thermal Shutdown
• Short Circuit Protection
• Wide Operating Range
• Internally Fused Leads in SO−8 Package
• For Automotive and Other Applications Requiring Site and Change
Control
• These are Pb−Free Devices
Current Limit &
SAT Sense
+
−
ENABLE
+
−
Thermal
Shutdown
2.0 V
VOUT
Adj
VREF/ENABLE
GND
VIN
Figure 1. Block Diagram
A
= Assembly Location
WL, L
= Wafer Lot
Y
= Year
WW, W = Work Week
G or G
= Pb−Free Device
PIN CONNECTIONS AND
MARKING DIAGRAMS
SO−8
DF SUFFIX
CASE 751
D2PAK−5
DPS SUFFIX
CASE 936AC
VIN
VOUT
GND
GND
Adj
GND
GND
VREF/ENABLE
CS
8182
AWLYWWG
1
Tab
GND
Pin 1. VIN
2. VOUT
3. GND
4. Adj
5. VREF
1
5
1
8
http://onsemi.com
18
DPAK−5
DT SUFFIX
CASE 175AA
8182G
ALYWW
15
1
5
See detailed ordering and shipping information in the package
dimensions section on page 9 of this data sheet.
ORDERING INFORMATION


Similar Part No. - CS8182_09

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8182DTG ONSEMI-CS8182DTG Datasheet
115Kb / 12P
Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
June, 2016 ??Rev. 28
CS8182DTRKG ONSEMI-CS8182DTRKG Datasheet
115Kb / 12P
Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
June, 2016 ??Rev. 28
CS8182YDF8 ONSEMI-CS8182YDF8 Datasheet
109Kb / 12P
Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
February, 2006 ??Rev. 23
CS8182YDF8G ONSEMI-CS8182YDF8G Datasheet
115Kb / 12P
Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
June, 2016 ??Rev. 28
CS8182YDFR8 ONSEMI-CS8182YDFR8 Datasheet
109Kb / 12P
Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
February, 2006 ??Rev. 23
More results

Similar Description - CS8182_09

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8184 ONSEMI-NCV8184 Datasheet
143Kb / 14P
Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
August, 2004 ??Rev. 15
CS8182 ONSEMI-CS8182 Datasheet
109Kb / 12P
Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
February, 2006 ??Rev. 23
CS8183 ONSEMI-CS8183 Datasheet
88Kb / 8P
Dual Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
March, 2004 ??Rev. 15
NCV8184 ONSEMI-NCV8184_06 Datasheet
185Kb / 13P
Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
May, 2006 ??Rev. 18
CS8183 ONSEMI-CS8183_09 Datasheet
140Kb / 8P
Dual Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
October, 2008 ??Rev. 18
logo
Analog Devices
ADP3303 AD-ADP3303_15 Datasheet
271Kb / 16P
200 mA Low Dropout Linear Regulator
REV. C
logo
Texas Instruments
LP2987 TI1-LP2987 Datasheet
1Mb / 30P
Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
logo
ON Semiconductor
NCV8184 ONSEMI-NCV8184_12 Datasheet
419Kb / 20P
Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
October, 2012 ??Rev. 27
CS8182 ONSEMI-CS8182_16 Datasheet
115Kb / 12P
Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
June, 2016 ??Rev. 28
NCV8182C ONSEMI-NCV8182C Datasheet
244Kb / 12P
Tracking Regulator/Line Driver - Micropower, Low Dropout 200 mA
August, 2020 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com