Electronic Components Datasheet Search
  English  ▼

X  

CS8361 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS8361
Description  5.0 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8361 Datasheet(HTML) 1 Page - ON Semiconductor

  CS8361 Datasheet HTML 1Page - ON Semiconductor CS8361 Datasheet HTML 2Page - ON Semiconductor CS8361 Datasheet HTML 3Page - ON Semiconductor CS8361 Datasheet HTML 4Page - ON Semiconductor CS8361 Datasheet HTML 5Page - ON Semiconductor CS8361 Datasheet HTML 6Page - ON Semiconductor CS8361 Datasheet HTML 7Page - ON Semiconductor CS8361 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2009
October, 2009 − Rev. 17
1
Publication Order Number:
CS8361/D
CS8361
5.0 V Dual Micropower
Low Dropout Regulator
with ENABLE and RESET
The CS8361 is a precision Micropower dual voltage regulator with
ENABLE and RESET.
The 5.0 V standby output is accurate within
±2% while supplying
loads of 100 mA and has a typical dropout voltage of 400 mV.
Quiescent current is low, typically 140
mA with a 300 mA load. The
active RESET output monitors the 5.0 V standby output and is low
during power−up and regulator dropout conditions. The RESET
circuit includes hysteresis and is guaranteed to operate correctly with
1.0 V on the standby output.
The second output tracks the 5.0 V standby output through an
external adjust lead, and can supply loads of 250 mA with a typical
dropout voltage of 400 mV. The logic level ENABLE lead is used to
control this tracking regulator output.
Both outputs are protected against overvoltage, short circuit, reverse
battery and overtemperature conditions. The robustness and low
quiescent current of the CS8361 makes it not only well suited for
automotive microprocessor applications, but for any battery powered
microprocessor applications.
Features
• 2 Regulated Outputs
− Standby Output 5.0 V ± 2%; 100 mA
− Tracking Output 5.0 V; 250 mA
• Low Dropout Voltage (0.4 V at Rated Current)
• RESET Option
• ENABLE Option
• Low Quiescent Current
• Protection Features
− Independent Thermal Shutdown
− Short Circuit
− 60 V Load Dump
− Reverse Battery
• Internally Fused Leads in SO−16L Package
• These are Pb−Free Devices
CS8361 = Device Code
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package
SO−16L
DW SUFFIX
CASE 751G
RESET
ENABLE
1
16
NC
NC
NC
Adj
GND
GND
GND
GND
NC
VTRK
NC
NC
VSTBY
VIN
D2PAK−7
DPS SUFFIX
CASE 936AB
PIN CONNECTIONS AND
MARKING DIAGRAM
SO−16L
Pin 1. VSTBY
2. VIN
3. VTRK
4. GND
5. Adj
6. ENABLE
7. RESET
D2PAK−7
http://onsemi.com
CS
8361
AWLYWWG
1
1
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
*For additional information on our Pb−Free strategy
and soldering details, please download the
ON Semiconductor Soldering and Mounting
Techniques Reference Manual, SOLDERRM/D.


Similar Part No. - CS8361

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8361 CHERRY-CS8361 Datasheet
169Kb / 6P
5V Dual Micropower Low Dropout Regulator with ENABLE and RESET
logo
ON Semiconductor
CS8361 ONSEMI-CS8361 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
Cherry Semiconductor Co...
CS8361YDPS7 CHERRY-CS8361YDPS7 Datasheet
169Kb / 6P
5V Dual Micropower Low Dropout Regulator with ENABLE and RESET
CS8361YDPSR7 CHERRY-CS8361YDPSR7 Datasheet
169Kb / 6P
5V Dual Micropower Low Dropout Regulator with ENABLE and RESET
CS8361YDW20 CHERRY-CS8361YDW20 Datasheet
169Kb / 6P
5V Dual Micropower Low Dropout Regulator with ENABLE and RESET
More results

Similar Description - CS8361

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8101 CHERRY-CS8101 Datasheet
196Kb / 8P
Micropower 5V, 100mA Low Dropout Linear Regulator with RESET and ENABLE
Rev. 4/9/99
CS8361 CHERRY-CS8361 Datasheet
169Kb / 6P
5V Dual Micropower Low Dropout Regulator with ENABLE and RESET
logo
ON Semiconductor
CS8363 ONSEMI-CS8363 Datasheet
69Kb / 8P
3.3 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
January, 2004 ??Rev. 9
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
CS8147 ONSEMI-CS8147 Datasheet
85Kb / 12P
10 V/5.0 V Low Dropout Dual Regulator with ENABLE
January, 2001 ??Rev. 6
CS8156 ONSEMI-CS8156 Datasheet
94Kb / 11P
12 V, 5.0 V Low Dropout Dual Regulator with ENABLE
February, 2006 ??Rev. 8
CS8161 ONSEMI-CS8161 Datasheet
97Kb / 11P
12 V, 5.0 V Low Dropout Dual Regulator with ENABLE
June, 2006 ??Rev. 7 1
CS8363 ONSEMI-CS8363_05 Datasheet
64Kb / 8P
3.3 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
March, 2005 ??Rev. 10
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS8363 ONSEMI-CS8363_11 Datasheet
148Kb / 8P
3.3 V Dual Micropower Regulator with ENABLE and RESET
October, 2009 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com