Electronic Components Datasheet Search
  English  ▼

X  

VCUG080030L1TP Datasheet(PDF) 3 Page - AVX Corporation

Part # VCUG080030L1TP
Description  ESD Protection for Low Leakage Requirements
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VCUG080030L1TP Datasheet(HTML) 3 Page - AVX Corporation

  VCUG080030L1TP Datasheet HTML 1Page - AVX Corporation VCUG080030L1TP Datasheet HTML 2Page - AVX Corporation VCUG080030L1TP Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
46
UltraGuard Series
ESD Protection for Low Leakage Requirements
SOLDER PAD DIMENSIONS
mm (inches)
0402 Discrete
0603 Discrete
0805 Discrete
Length
1.00 ±0.10 (0.040 ±0.004)
1.60 ±0.15 (0.063 ±0.006)
2.01 ±0.20 (0.079 ±0.008)
Width
0.50 ±0.10 (0.020 ±0.004)
0.80 ±0.15 (0.032 ±0.006)
1.25 ±0.20 (0.049 ±0.008)
Thickness
0.60 Max. (0.024 Max.)
0.90 Max. (0.035 Max.)
1.02 Max. (0.040 Max.)
Term Band Width
0.25 ±0.15 (0.010 ±0.006)
0.35 ±0.15 (0.014 ±0.006)
0.71 Max. (0.028 Max.)
0405 Array
0508 Array
0612 Array
Length
1.00 ±0.15 (0.039 ±0.006)
1.25 ±0.20 (0.049 ±0.008)
1.60 ±0.20 (0.063 ±0.008)
Width
1.37 ±0.15 (0.054 ±0.006)
2.01 ±0.20 (0.079 ±0.008)
3.20 ±0.20 (0.126 ±0.008)
Thickness
0.66 Max. (0.026 Max.)
1.02 Max. (0.040 Max.)
1.22 Max. (0.048 Max.)
Term Band Width
0.36 ±0.10 (0.014 ±0.004)
0.41 ±0.10 (0.016 ±0.004)
0.41 ±0.10 (0.016 ±0.004)
A
B
C
D
E
2.54
(0.100)
0.89
(0.035)
0.89
(0.035)
1.27
(0.050)
0.76
(0.030)
0.76
(0.030)
3.05
(0.120)
1.02
(0.040)
1.02
(0.040)
1.02
(0.040)
0805
0603
1.70 (0.067
)
0.61
(0.024)
0.61
(0.024)
0.51
(0.020)
0.51
(0.020)
0402
A
B
C
D
E
2-Element Arrays
0612 4-Element Array
AB
C
D
E
0405
0.46
0.74
1.20
0.38
0.64
(0.018)
(0.029)
(0.047)
(0.015)
(0.025)
0508
0.89
1.27
2.16
0.46
0.76
(0.035)
(0.050)
(0.085)
(0.018)
(0.030)
AB
C
D
E
0.89
1.65
2.54
0.46
0.76
(0.035)
(0.065)
(0.100)
(0.018)
(0.030)
PHYSICAL DIMENSIONS
mm (inches)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com