Electronic Components Datasheet Search
  English  ▼

X  

VCUG080030L1TP Datasheet(PDF) 1 Page - AVX Corporation

Part # VCUG080030L1TP
Description  ESD Protection for Low Leakage Requirements
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VCUG080030L1TP Datasheet(HTML) 1 Page - AVX Corporation

  VCUG080030L1TP Datasheet HTML 1Page - AVX Corporation VCUG080030L1TP Datasheet HTML 2Page - AVX Corporation VCUG080030L1TP Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
44
UltraGuard Series
ESD Protection for Low Leakage Requirements
Faster semiconductor clock speeds and an increasing reliance on batteries as power
sources have resulted in the need for varistors that exhibit very low leakage current.
The UltraGuard (UG) Series of AVX Transient Voltage Suppressors address this
problem.
The UG Series is the ideal transient protection solution for high clock speed integrated
circuit application, battery-operated device, backlit display, medical/instrument applica-
tion, low voltage power conversion circuits and power supervisory chip sets. In addi-
tion, UltraGuard’s low leakage characteristics are also suitable for optic circuits like
LDD, SerDes, and laser diodes.
The UG Series is offered as discrete chips (0402, 0603, and 0805), 2-element pack-
ages (0405 and 0508), and 4-element packages (0612).
GENERAL DESCRIPTION
Discrete Chips
2-Element Arrays
4-Element Arrays
0402, 0603,
(0405 and 0508)
(0612)
and 0805
P
Termination
Finish
P = Ni/Sn Alloy
(Plated)
VC
VC=Surface
Mount Chip
UG
Series
UG = Low
Leakage
Series
04
Case Size
04 = 0402
06 = 0603
08 = 0805
0180
Maximum
Working
Voltage
0030 = 3.0VDC
0050 = 5.0VDC
0075 = 7.5VDC
0100 = 10.0VDC
0150 = 15.0VDC
0180 = 18.0VDC
L
Capacitance
L = Low
H = High
1
No. of
Elements
W
Packaging
(pieces per
reel)
D = 1,000
(7" reel)
R = 4,000
(7" reel)
T = 10,000
(13" reel)
W = 10,000
(7" reel,
0402 only)
HOW TO ORDER
P
Termination
Finish
P = Ni/Sn Alloy
(Plated)
MG
MG=Array
UG
Series
UG = Low
Leakage
Series
06
Case Size
04 = 0405
05 = 0508
06 = 0612
0150
Maximum
Working
Voltage
0030 = 3.0VDC
0050 = 5.0VDC
0075 = 7.5VDC
0100 = 10.0VDC
0150 = 15.0VDC
L
Capacitance
L = Low
H = High
4
No. of
Elements
2 = 2 Elements
4 = 4 Elements
D
Packaging
(pieces per
reel)
D = 1,000
(7" reel)
R = 4,000
(7" reel)
T = 10,000
(13" reel)
HOW TO ORDER


Similar Part No. - VCUG080030L1TP

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VCUG080030L1 AVX-VCUG080030L1 Datasheet
144Kb / 3P
UltraGuard Series ESD Protection for Low Leakage Requirements
More results

Similar Description - VCUG080030L1TP

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UCLAMP0524P SEMTECH-UCLAMP0524P Datasheet
195Kb / 8P
Low Voltage TVS for ESD Protection
UCLAMP3305P SEMTECH-UCLAMP3305P Datasheet
200Kb / 8P
Low Voltage TVS for ESD Protection
UCLAMP3306P SEMTECH-UCLAMP3306P Datasheet
201Kb / 8P
Low Voltage TVS for ESD Protection
logo
Weitron Technology
ESD3305B6E WEITRON-ESD3305B6E Datasheet
370Kb / 3P
Low Voltage TVS for ESD Protection
logo
AVX Corporation
VCUG AVX-VCUG Datasheet
144Kb / 3P
UltraGuard Series ESD Protection for Low Leakage Requirements
logo
Texas Instruments
TPD4E1B06 TI1-TPD4E1B06_14 Datasheet
1Mb / 20P
4-Channel Ultra Low Leakage ESD Protection Device
logo
Jiangsu Changjiang Elec...
CESDLC5V0AT7 JIANGSU-CESDLC5V0AT7 Datasheet
1Mb / 2P
Low Capacitance for ESD Protection
logo
STMicroelectronics
ESDALCL5-1BM2 STMICROELECTRONICS-ESDALCL5-1BM2 Datasheet
262Kb / 12P
Single-line low capacitance and low leakage current ESD protection
31-Oct-2012
ESDALCL6-2SC6 STMICROELECTRONICS-ESDALCL6-2SC6 Datasheet
231Kb / 7P
Very low capacitance and low leakage current ESD protection
02-Apr-6100
ESDALCL6-4P6A STMICROELECTRONICS-ESDALCL6-4P6A Datasheet
212Kb / 7P
Multi-line low capacitance and low leakage current ESD protection
30-Oct-2012
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com