Electronic Components Datasheet Search
  English  ▼

X  

CXA2064M Datasheet(PDF) 21 Page - Sony Corporation

Part # CXA2064M
Description  US Audio Multiplexing Decoder
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2064M Datasheet(HTML) 21 Page - Sony Corporation

Back Button CXA2064M Datasheet HTML 13Page - Sony Corporation CXA2064M Datasheet HTML 14Page - Sony Corporation CXA2064M Datasheet HTML 15Page - Sony Corporation CXA2064M Datasheet HTML 16Page - Sony Corporation CXA2064M Datasheet HTML 17Page - Sony Corporation CXA2064M Datasheet HTML 18Page - Sony Corporation CXA2064M Datasheet HTML 19Page - Sony Corporation CXA2064M Datasheet HTML 20Page - Sony Corporation CXA2064M Datasheet HTML 21Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
– 21 –
CXA2064M
Package Outline
Unit: mm
0.45 ± 0.1
1
1.27
15
16
30
18.8 – 0.1
+ 0.4
0.2
M
0.1
0.2 – 0.05
+ 0.1
0.1 – 0.05
A
2.3 – 0.15
+ 0.4
30PIN SOP(PLASTIC)
SONY CODE
EIAJ CODE
JEDEC CODE
SOP-30P-L03
SOP030-P-0375
PACKAGE MATERIAL
LEAD TREATMENT
LEAD MATERIAL
PACKAGE MASS
EPOXY RESIN
SOLDER PLATING
COPPER ALLOY
PACKAGE STRUCTURE
0.7g
0° to 10°
+ 0.2
DETAIL A
NOTE : PALLADIUM PLATING
This product uses S-PdPPF (Sony Spec.-Palladium Pre-Plated Lead Frame).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com