Electronic Components Datasheet Search
  English  ▼

X  

CXA2064M Datasheet(PDF) 5 Page - Sony Corporation

Part # CXA2064M
Description  US Audio Multiplexing Decoder
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2064M Datasheet(HTML) 5 Page - Sony Corporation

  CXA2064M Datasheet HTML 1Page - Sony Corporation CXA2064M Datasheet HTML 2Page - Sony Corporation CXA2064M Datasheet HTML 3Page - Sony Corporation CXA2064M Datasheet HTML 4Page - Sony Corporation CXA2064M Datasheet HTML 5Page - Sony Corporation CXA2064M Datasheet HTML 6Page - Sony Corporation CXA2064M Datasheet HTML 7Page - Sony Corporation CXA2064M Datasheet HTML 8Page - Sony Corporation CXA2064M Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
CXA2064M
– 5 –
Pin
No.
Symbol
Pin
voltage
Eqivalent circuit
Description
PLINT
5.1V
Pilot cancel circuit loop filter
integrating pin.
(Connect a 1µF capacitor
between this pin and GND.)
VCC
147
20k
↓
26µ
20k
10k
20k
↓
50µ
20k
20k
10
10
STID
—
Stereo detection pin.
Open collector output.
Drive current is 2mA (Max.).
11
SAPID
—
SAP detection pin.
Open collector output.
Drive current is 2mA (Max.).
12
68k
10.5k
11
12
15k
VGR
1.3V
Band gap reference output
pin.
(Connect a 10µF capacitor
between this pin and GND.)
9
× 4
11k
9.7k
19.4k
2.06k
3k
147
VCC
11k
11k
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com