Electronic Components Datasheet Search
  English  ▼

X  

CXA2153S Datasheet(PDF) 5 Page - Sony Corporation

Part # CXA2153S
Description  Preamplifier for High Resolution Computer Display
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2153S Datasheet(HTML) 5 Page - Sony Corporation

  CXA2153S Datasheet HTML 1Page - Sony Corporation CXA2153S Datasheet HTML 2Page - Sony Corporation CXA2153S Datasheet HTML 3Page - Sony Corporation CXA2153S Datasheet HTML 4Page - Sony Corporation CXA2153S Datasheet HTML 5Page - Sony Corporation CXA2153S Datasheet HTML 6Page - Sony Corporation CXA2153S Datasheet HTML 7Page - Sony Corporation CXA2153S Datasheet HTML 8Page - Sony Corporation CXA2153S Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
– 5 –
CXA2153S
9
10
11
OSD_R
OSD_G
OSD_B
OSD control input.
VILMAX = 0.8V
VIHMIN = 2.8V
12
SYNCOUT
Sync separator output of Sync-
on-green signal.
I2C bus SOG off: Output at 0.
Typ.: High = 4.2V
Low = 0.2V
(positive polarity)
13
CLP
Clamp pulse (positive polarity)
input.
VILMAX = 0.8V
VIHMIN = 2.8V
14
BLK
Blanking pulse input.
Set the V blanking pulse width
to 300µs or more.
VILMAX = 1.2V
VIHMIN = 4.7V
10
9
11
VCC
30k
VCC
VCC
5k
5k
12
VCC
VCC
VCC
100
200
20k
5k
VCC
200
13
VCC
30k
VCC
14
VCC
30k
VCC
VCC
5k
5k
Pin
No.
Symbol
Pin voltage
Equivalent circuit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com