Electronic Components Datasheet Search
  English  ▼

X  

SLAS753 Datasheet(PDF) 3 Page - Texas Instruments

Part # SLAS753
Description  MIXED SIGNAL MICROCONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLAS753 Datasheet(HTML) 3 Page - Texas Instruments

  SLAS753 Datasheet HTML 1Page - Texas Instruments SLAS753 Datasheet HTML 2Page - Texas Instruments SLAS753 Datasheet HTML 3Page - Texas Instruments SLAS753 Datasheet HTML 4Page - Texas Instruments SLAS753 Datasheet HTML 5Page - Texas Instruments SLAS753 Datasheet HTML 6Page - Texas Instruments SLAS753 Datasheet HTML 7Page - Texas Instruments SLAS753 Datasheet HTML 8Page - Texas Instruments SLAS753 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
Basic Clock
System+
RAM
128B
Brownout
Protection
RST/NMI
VCC
VSS
MCLK
SMCLK
Watchdog
WDT+
15/16−Bit
Timer_A2
2 CC
Registers
16MHz
CPU
incl. 16
Registers
Emulation
(2BP)
XOUT
JTAG
Interface
Flash
2kB
ACLK
XIN
Port P1
4 I/O
Interrupt
capability,
pull−up/down
resistors
P1.2, P1.5,
P1.6, P1.7
4
MDB
MAB
USI
Universal
Serial
Interface
SPI, I2C
Spy−Bi Wire
ADC
10-Bit
4 Channel
Autoscan
1 ch DMA
1
4
3
2
5
6
7
8
DVSS
DVCC
TEST/SBWTCK
P1.7/A7/SDI/SDA
RST/NMI/SBWTDIO
P1.5/TA0.0/A5/SCLK
P1.2/TA0.1/A2
P1.6/TA0.1/A6/SDO/SCL
MSP430G22x0
www.ti.com
SLAS753D – JANUARY 2012 – REVISED AUGUST 2012
Device Pinout and Functional Block Diagram, MSP430G2230
See Application Information for detailed I/O information.
D PACKAGE
(TOP VIEW)
Figure 3. Device Pinout, MSP430G2230
Figure 4. Functional Block Diagram, MSP430G2230
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com