Electronic Components Datasheet Search
  English  ▼

X  

SLAS753B Datasheet(PDF) 5 Page - Texas Instruments

Part # SLAS753B
Description  MIXED SIGNAL MICROCONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLAS753B Datasheet(HTML) 5 Page - Texas Instruments

  SLAS753B Datasheet HTML 1Page - Texas Instruments SLAS753B Datasheet HTML 2Page - Texas Instruments SLAS753B Datasheet HTML 3Page - Texas Instruments SLAS753B Datasheet HTML 4Page - Texas Instruments SLAS753B Datasheet HTML 5Page - Texas Instruments SLAS753B Datasheet HTML 6Page - Texas Instruments SLAS753B Datasheet HTML 7Page - Texas Instruments SLAS753B Datasheet HTML 8Page - Texas Instruments SLAS753B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
MSP430G22x0
www.ti.com
SLAS753D – JANUARY 2012 – REVISED AUGUST 2012
Table 3. Terminal Functions, MSP430G2230(1)
TERMINAL
NO.
DESCRIPTION
NAME
I/O
D
P1.2/
General-purpose digital I/O pin
2
I/O
TA0.1/
Timer_A, capture: CCI1A input, compare Out1 output
A2
ADC10 analog input A2
P1.5/
General-purpose digital I/O pin
TA0.0/
Timer_A, compare Out0 output
3
I/O
A5/
ADC10 analog input A5
SCLK
USI: clock input in I2C mode; clock input/output in SPI mode
P1.6/
General-purpose digital I/O pin
TA0.1/
Timer_A, capture: CCI1B input, compare: Out1 output
4
I/O
A6/
ADC10 analog input A6
SDO/
USI: Data output in SPI mode
SCL
USI: I2C clock in I2C mode
P1.7/
General-purpose digital I/O pin
A7/
ADC10 analog input A7
5
I/O
SDI/
USI: Data input in SPI mode
SDA
USI: Data input in I2C mode
RST/
Reset input
6
I
NMI/
Nonmaskable interrupt input
SBWTDIO
Spy-Bi-Wire test data input/output during programming and test
TEST/
Selects test mode for JTAG pins on Port 1. The device protection fuse is connected to TEST.
7
I
SBWTCK
Spy-Bi-Wire test clock input during programming and test
DVCC
1
Digital supply voltage
DVSS
8
Digital ground reference
(1)
The GPIOs P1.0, P1.1, P1.3, P1.4, P2.6, and P2.7 are implemented but not available on the device pinout. To avoid floating inputs,
these digital I/Os should be properly configured. The pullup or pulldown resistors of the unbounded P1.x GPIOs should be enabled, and
the VLO should be selected as the ACLK source (see the MSP430x2xx Family User's Guide (SLAU144)).
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com