Electronic Components Datasheet Search
  English  ▼

X  

SLAS753B Datasheet(PDF) 16 Page - Texas Instruments

Part # SLAS753B
Description  MIXED SIGNAL MICROCONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLAS753B Datasheet(HTML) 16 Page - Texas Instruments

Back Button SLAS753B Datasheet HTML 12Page - Texas Instruments SLAS753B Datasheet HTML 13Page - Texas Instruments SLAS753B Datasheet HTML 14Page - Texas Instruments SLAS753B Datasheet HTML 15Page - Texas Instruments SLAS753B Datasheet HTML 16Page - Texas Instruments SLAS753B Datasheet HTML 17Page - Texas Instruments SLAS753B Datasheet HTML 18Page - Texas Instruments SLAS753B Datasheet HTML 19Page - Texas Instruments SLAS753B Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
MSP430G22x0
SLAS753D – JANUARY 2012 – REVISED AUGUST 2012
www.ti.com
Low-Power Mode Supply Currents (Into VCC) Excluding External Current
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
TA
VCC
MIN
TYP
MAX
UNIT
fMCLK = 0 MHz,
fSMCLK = fDCO = 1 MHz,
fACLK = 32,768 Hz,
Low-power mode 0
ILPM0,1MHz
BCSCTL1 = CALBC1_1MHZ,
25°C
2.2 V
65
µA
(LPM0) current(2)
DCOCTL = CALDCO_1MHZ,
CPUOFF = 1, SCG0 = 0,
SCG1 = 0, OSCOFF = 0
fMCLK = fSMCLK = 0 MHz, fDCO = 1
MHz,
fACLK = 32,768 Hz,
Low-power mode 2
ILPM2
BCSCTL1 = CALBC1_1MHZ,
25°C
2.2 V
22
29
µA
(LPM2) current(3)
DCOCTL = CALDCO_1MHZ,
CPUOFF = 1, SCG0 = 0,
SCG1 = 1, OSCOFF = 0
fDCO = fMCLK = fSMCLK = 0 MHz,
fACLK from internal LF oscillator
Low-power mode 3
ILPM3,VLO
(VLO),
25°C
2.2 V
0.5
0.7
µA
(LPM3) current(3)
CPUOFF = 1, SCG0 = 1,
SCG1 = 1, OSCOFF = 0
fDCO = fMCLK = fSMCLK = 0 MHz,
25°C
0.1
0.5
Low-power mode 4
fACLK = 0 Hz,
ILPM4
2.2 V
µA
(LPM4) current(4)
CPUOFF = 1, SCG0 = 1,
85°C
0.8
1.5
SCG1 = 1, OSCOFF = 1
(1)
All inputs are tied to 0 V or to VCC. Outputs do not source or sink any current.
(2)
Current for brownout and WDT clocked by SMCLK included.
(3)
Current for brownout and WDT clocked by ACLK included.
(4)
Current for brownout included.
16
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com