Electronic Components Datasheet Search
  English  ▼

X  

SLAS753C Datasheet(PDF) 1 Page - Texas Instruments

Part # SLAS753C
Description  MIXED SIGNAL MICROCONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLAS753C Datasheet(HTML) 1 Page - Texas Instruments

  SLAS753C Datasheet HTML 1Page - Texas Instruments SLAS753C Datasheet HTML 2Page - Texas Instruments SLAS753C Datasheet HTML 3Page - Texas Instruments SLAS753C Datasheet HTML 4Page - Texas Instruments SLAS753C Datasheet HTML 5Page - Texas Instruments SLAS753C Datasheet HTML 6Page - Texas Instruments SLAS753C Datasheet HTML 7Page - Texas Instruments SLAS753C Datasheet HTML 8Page - Texas Instruments SLAS753C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
MSP430G22x0
www.ti.com
SLAS753D – JANUARY 2012 – REVISED AUGUST 2012
MIXED SIGNAL MICROCONTROLLER
1
FEATURES
23
•
Low Supply Voltage Range: 1.8 V to 3.6 V
(A/D) Conversion (MSP430G2210 Only)
•
Ultra-Low Power Consumption
•
10-Bit 200-ksps Analog-to-Digital (A/D)
Converter With Internal Reference, Sample-
–
Active Mode: 220 µA at 1 MHz, 2.2 V
and-Hold, and Autoscan (MSP430G2230 Only)
–
Standby Mode: 0.5 µA
•
Universal Serial Interface (USI) Supports SPI
–
Off Mode (RAM Retention): 0.1 µA
and I2C (MSP430G2230 Only)
•
Five Power-Saving Modes
•
Brownout Detector
•
Ultra-Fast Wake-Up From Standby Mode in
•
Serial Onboard Programming, No External
Less Than 1 µs
Programming Voltage Needed, Programmable
•
16-Bit RISC Architecture, 62.5-ns Instruction
Code Protection by Security Fuse
Cycle Time
•
On-Chip Emulation Logic With Spy-Bi-Wire
•
Basic Clock Module Configurations
Interface
–
Internal Frequencies up to 16 MHz With
•
Family Members:
Four Calibrated Frequencies to ±1%
–
MSP430G22x0
–
Internal Very-Low-Power Low-Frequency
–
2KB + 256B Flash Memory
Oscillator
–
128B RAM
•
16-Bit Timer_A With Two Capture/Compare
•
Available in 8-Pin Plastic Packages (D)
Registers
•
For Complete Module Descriptions, See the
•
On-Chip Comparator for Analog Signal
MSP430x2xx Family User's Guide (SLAU144)
Compare Function or Slope Analog-to-Digital
DESCRIPTION
The Texas Instruments MSP430™ family of ultra-low-power microcontrollers consist of several devices featuring
different sets of peripherals targeted for various applications. The architecture, combined with five low-power
modes, is optimized to achieve extended battery life in portable measurement applications. The device features a
powerful 16-bit RISC CPU, 16-bit registers, and constant generators that contribute to maximum code efficiency.
The digitally controlled oscillator (DCO) allows wake-up from low-power modes to active mode in less than 1 µs.
The MSP430G22x0 series is an ultra-low-power mixed signal microcontroller with a built-in 16-bit timer and four
I/O pins. In addition, the MSP430G2230 has a built-in communication capability using synchronous protocols
(SPI or I2C) and a 10-bit A/D converter. The MSP430G2210 has a versatile analog comparator.
Table 1. Available Options(1)
PACKAGED DEVICES(2)
TA
PLASTIC 8-PIN (D)
MSP430G2230ID
-40°C to 85°C
MSP430G2210ID
(1)
For the most current package and ordering information, see the
Package Option Addendum at the end of this document, or see the
TI web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at
www.ti.com/packaging
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
MSP430 is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SLAS753C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLAS787 TI2-SLAS787 Datasheet
885Kb / 52P
MSP430G2231 Automotive Mixed-Signal Microcontroller
REVISED MARCH 2014
SLAS787A TI2-SLAS787A Datasheet
885Kb / 52P
MSP430G2231 Automotive Mixed-Signal Microcontroller
REVISED MARCH 2014
SLAS787B TI2-SLAS787B Datasheet
885Kb / 52P
MSP430G2231 Automotive Mixed-Signal Microcontroller
REVISED MARCH 2014
More results

Similar Description - SLAS753C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X43X1 TI-MSP430X43X1 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430F23X0 TI-MSP430F23X0 Datasheet
1Mb / 64P
MIXED SIGNAL MICROCONTROLLER
MSP430X47X3 TI-MSP430X47X3_07 Datasheet
1Mb / 76P
MIXED SIGNAL MICROCONTROLLER
MSP430X43X1 TI-MSP430X43X1_08 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA Datasheet
670Kb / 44P
MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
MIXED SIGNAL MICROCONTROLLER
MSP430F533 TI1-MSP430F533 Datasheet
918Kb / 101P
MIXED SIGNAL MICROCONTROLLER
MSP430F534 TI1-MSP430F534 Datasheet
779Kb / 83P
MIXED SIGNAL MICROCONTROLLER
MSP430F643 TI1-MSP430F643 Datasheet
951Kb / 106P
MIXED SIGNAL MICROCONTROLLER
MSP430F530X TI1-MSP430F530X_12 Datasheet
1Mb / 100P
MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com