Electronic Components Datasheet Search
  English  ▼

X  

DG441 Datasheet(PDF) 30 Page - Intersil Corporation

Part # DG441
Description  Providing high-performance solutions for every link in the signal chain
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG441 Datasheet(HTML) 30 Page - Intersil Corporation

Back Button DG441 Datasheet HTML 26Page - Intersil Corporation DG441 Datasheet HTML 27Page - Intersil Corporation DG441 Datasheet HTML 28Page - Intersil Corporation DG441 Datasheet HTML 29Page - Intersil Corporation DG441 Datasheet HTML 30Page - Intersil Corporation DG441 Datasheet HTML 31Page - Intersil Corporation DG441 Datasheet HTML 32Page - Intersil Corporation DG441 Datasheet HTML 33Page - Intersil Corporation DG441 Datasheet HTML 34Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
30
Intersil Signal Path Products  2012  www.intersil.com
Slew Rate
Enhanced VFAs
Current Feedback
Amplifiers
High Performance
VFAs
Differential
Line Drivers/
Receivers
Fixed Gain Op Amps
Rail-to-Rail VFAs
Single Channel
Single Channel
Single Channel
Triple Channel
Single Channel
Triple Channel
Dual Channel
Quad Channel
Single Channel
Single Channel
Dual Channel
Triple Channel
Dual Channel
Triple Channel
Quad Channel
Dual Channel
Quad Channel
Differential Line Drivers
Differential
High Supply Voltage
Single Channel
Triple Channel
Differential Line Receivers
EL8100
200MHz, 200V/µs, EN
EL8101
200MHz, 200V/µs
EL5160
200MHz, 1,700V/µs, EN
EL5161
200MHz, 1,700V/µs
EL5162
500MHz, 4,000V/µs, EN
EL5163
500MHz, 4,000V/µs
EL5164
600MHz, 4,700V/µs, EN
EL5165
600MHz, 4,700V/µs
EL5260
200MHz, 2,000V/µs, EN
EL5261
200MHz, 2,000V/µs
EL5262
500MHz, 2,500V/µs, EN
EL5263
500MHz, 2,500V/µs
EL8108
300MHz, IOUT = 450mA
EL5360
200MHz, 1,700V/µs, EN
EL5362
500MHz, 2,500V/µs, EN
EL5364
600MHz, 4,200V/µs, EN
EL5462
500MHz, 4,000V/µs
EL5166
1400MHz, 6,000V/µs, EN
EL5104
700MHz, 4,000V/µs, EN
EL5105
EL5202
400MHz, 3,500V/µs, EN
EL5203
400MHz, 3,500V/µs
EL5204
700MHz, 4,000V/µs, EN
EL5302
400MHz, 3,500V/µs, EN
EL5304
700MHz, 4,000V/µs, EN
EL5205
700MHz, 4,000V/µs
700MHz, 4,000V/µs
EL5167
1400MHz, 6,000V/µs
ISL55001
220MHz, 300V/µs
±2.5V to ±15V
EL5106
1.5mA supply current
350MHz, 4,500V/µs,
±1, 2 (Fixed Gain), EN
EL5108
3.5mA supply current
450MHz, 4,500V/µs,
±1, 2 (Fixed Gain), EN
EL5306
1.5mA/ch supply current
350MHz, 4,500V/µs,
±1,2 (Fixed Gain), EN
EL5308
3.5mA/ch supply current
450MHz, 4,500V/µs,
±1,2 (Fixed Gain), EN
RF Gain Block/Amps
Single Channel
Single Channel
ISL55012
Zin = 75, Zout = 50,
Gain = 18dB, NF = 4.7dB,
Is = 63.5mA
ISL55014
Zin = 50, Zout = 50,
Gain = 17.2dB, NF = 4.3dB,
Is = 63mA
ISL55015
Zin = 75, Zout = 50,
Gain = 13.5dB, NF = 4.8dB,
Is = 63.5mA
ISL55016
Zin= 75, Zout = 100
NF = 5.4dB, Is = 104mA
EL5170
100MHz, 1,100V/µs
Gain = 2, EN
EL5171
250MHz, 800V/µs
EL5173
400MHz, 900V/µs
Gain = 2, EN
EL5174
550MHz, 1,100V/µs, EN
EL5176
250MHz, 800V/µs, EN
EL5178
700MHz, 1,000V/µs
EL5177
550MHz, 1,100V/µs
EL5370
100MHz, 1,200V/µs
Gain = 2, EN
EL5371
250MHz, 700V/µs, EN
EL5373
450MHz, 1,100V/µs
Gain = 2, EN
EL5374
EL5172
250MHz, 800V/µs, EN
EL5175
550MHz, 900V/µs, EN
EL5372
250MHz, 800V/µs, EN
EL5375
550MHz, 900V/µs, EN
550MHz, 850V/µs, EN
EL5378
700MHz, 1,000V/µs, EN
ISL55002
220MHz, 300V/µs
±2.5V to ±15V
Single Channel
Dual Channel
High Gain Bandwidth Low
Noise
EL5131
900MHz, 1.9nV/√Hz
ISL55190
800MHz, 1.2nV/√Hz
800MHz, 1.2nV/√Hz
ISL55290
250MHz, 1.5nV/√Hz
Min Gain 2
EL5236
250MHz, 1.5nV/√Hz
Min Gain 2, EN
EL5237
ISL55004
220MHz, 300V/µs
±2.5V to ±8V
EL8200
200MHz, 200V/µs, EN
EL8201
200MHz, 200V/µs
EL8202
500MHz, 600V/µs, EN
EL8203
500MHz, 600V/µs
EL8401
200MHz, 200V/µs
EL8403
500MHz, 600V/µs
*EN = Enable feature
Single Channel
Fully Differential
Amplifier
2.2GHz, 0.85nV/√Hz
Min Gain 4
ISL55211
ISL55210
1.2GHz, 0.85nV/√Hz
Gains 2, 4, 5
High Speed Op Amps
Intersil’s high speed op amp portfolio delivers best in class performance-to-power ratio with superior drive and
slew rate performance at full bandwidths. This makes our operational amplifiers the perfect choice for video and
high speed data transmission, A/D buffering, and high frequency filtering.
iSim Active Filter Designer
www.intersil.com/isim
Advanced design tool for
creating complex solutions in 4
easy steps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com