Electronic Components Datasheet Search
  English  ▼

X  

DG441 Datasheet(PDF) 13 Page - Intersil Corporation

Part # DG441
Description  Providing high-performance solutions for every link in the signal chain
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG441 Datasheet(HTML) 13 Page - Intersil Corporation

Back Button DG441 Datasheet HTML 9Page - Intersil Corporation DG441 Datasheet HTML 10Page - Intersil Corporation DG441 Datasheet HTML 11Page - Intersil Corporation DG441 Datasheet HTML 12Page - Intersil Corporation DG441 Datasheet HTML 13Page - Intersil Corporation DG441 Datasheet HTML 14Page - Intersil Corporation DG441 Datasheet HTML 15Page - Intersil Corporation DG441 Datasheet HTML 16Page - Intersil Corporation DG441 Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
Device
Switches
Configuration
Ron
Con
Package
Notes
Single
ISL43110
1
SPST
NO
7
40
5 SOT23, 8 SOIC
ISL43111
1
SPST
NC
7
40
5 SOT23, 8 SOIC
ISL43112
1
SPST
NO
15
30
5 SOT23, 8 SOIC
ISL43113
1
SPST
NC
15
30
5 SOT23, 8 SOIC
ISL84514
1
SPST
NO
10
30
5 SOT23, 8 SOIC
ISL84515
1
SPST
NC
10
30
5 SOT23, 8 SOIC
ISL84516
1
SPST
NO
13
22
5 SOT23, 8 SOIC
ISL84517
1
SPST
NC
13
22
5 SOT23, 8 SOIC
ISL43210
2
SPDT
2:1
11
28
6 SOT23
ISL43210A
2
SPDT
2:1
11
28
6 SOT23
15V Extended
Supply Range
ISL5123
2
SPDT
2:1
11
28
8 SOIC
ISL84544
2
SPDT
2:1
30
20
6 SOT23, 8 SOIC
Duals
ISL43120
2
SPST
NO
11
21
8 SOT23
ISL43121
2
SPST
NC
11
21
8 SOT23
ISL43122
2
SPST
MIX
11
21
8 SOT23
ISL5120
2
SPST
NO
11
21
8 SOIC, SOT23
ISL5121
2
SPST
NC
11
21
8 SOIC, SOT23
ISL5122
2
SPST
MIX
11
21
8 SOIC, SOT23
ISL8323
2
SPST
NO
60
22
8 SOIC
ISL8324
2
SPST
NC
60
22
8 SOIC
ISL8325
2
SPST
MIX
60
22
8 SOIC
ISL84541
2
SPST
NO
30
13
8 MSOP, PDIP, SOIC, SOT23
ISL84542
2
SPST
NC
30
13
8 PDIP, SOIC, SOT23
ISL84543
2
SPST
MIX
30
13
8 PDIP, SOIC, SOT23
ISL43410
4
DPDT
2:1
45
12
16 QFN, SOIC, TSSOP
ISL84525
4
DPDT
2:1
92
12
10 MSOP
Triples
ISL43231
6
SPDT
2:1
44
14
20 QFN
ISL84053
6
SPDT
2:1
60
14
16 QSOP, SOIC, TSSOP
Quads
ISL43140
4
SPST
NC
50
14
16 QFN, SOIC, TSSOP
ISL43141
4
SPST
NO
50
14
16 QFN, SOIC, TSSOP
ISL43142
4
SPST
MIX
50
14
16 QFN, SOIC, TSSOP
ISL43143
4
SPST
NC
18
34
16 QFN, TSSOP
ISL43144
4
SPST
NO
18
34
16 QFN, TSSOP
ISL43145
4
SPST
MIX
18
34
16 QFN, TSSOP
ISL8391
4
SPST
NC
20
34
16 SOIC
ISL8392
4
SPST
NO
20
34
16 SOIC
ISL8393
4
SPST
MIX
20
34
16 SOIC
ISL84521
4
SPST
NC
65
5
16 QFN, SOIC, TSSOP
ISL84522
4
SPST
NO
65
5
16 QFN, SOIC, TSSOP
ISL84523
4
SPST
MIX
65
5
16 QFN, SOIC, TSSOP
ISL54302
4
SPST
NO
1.5
100
20 QFN
Latched Parallel
Interface
ISL43240
4
SPDT
2:1
18
30
20 QFN, SSOP
ISL8394
4
SPDT
2:1
17
39
20 SOIC
4:1
ISL43640
4
Single
4:1
39
18
16 MSOP, QFN
ISL84524
4
Single
4:1
92
20
10 MSOP
ISL43741
8
Diff
4:1
39
18
20 QFN
ISL43840
8
Dual
4:1
39
18
20 QFN
ISL84052
8
Diff
4:1
60
18
16 QSOP, SOIC, TSSOP
ISL84582
8
Diff
4:1
44
18
16 TSSOP
8:1
ISL84051
8
Single
8:1
60
26
16 QSOP, SOIC, TSSOP
ISL84581
8
Single
8:1
39
26
16 QSOP, TSSOP
Intersil Signal Path Products  2012  www.intersil.com
13
►Medium Voltage (±6V, +3 to +12V) Switches/MUXes
±6V, +3 to +12V Switches/MUXes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com