Electronic Components Datasheet Search
  English  ▼

X  

TMPM366FDFG Datasheet(PDF) 20 Page - Toshiba Semiconductor

Part # TMPM366FDFG
Description  32-Bit Microcontrollers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPM366FDFG Datasheet(HTML) 20 Page - Toshiba Semiconductor

Back Button TMPM366FDFG Datasheet HTML 16Page - Toshiba Semiconductor TMPM366FDFG Datasheet HTML 17Page - Toshiba Semiconductor TMPM366FDFG Datasheet HTML 18Page - Toshiba Semiconductor TMPM366FDFG Datasheet HTML 19Page - Toshiba Semiconductor TMPM366FDFG Datasheet HTML 20Page - Toshiba Semiconductor TMPM366FDFG Datasheet HTML 21Page - Toshiba Semiconductor TMPM366FDFG Datasheet HTML 22Page - Toshiba Semiconductor TMPM366FDFG Datasheet HTML 23Page - Toshiba Semiconductor TMPM366FDFG Datasheet HTML 24Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Part Number
Power
Supply
Voltage
(V)
Operating
Temperature
(˚C)
Package
TMPM382FSFG **
64K
8K
40
2
1
3
1
10
8
1
(Note 1)
1
1
8
1
Yes
Yes
Yes
Yes
Yes
48
4.0 to
5.5
-40 to
85
QFP64
(14×14 mm)
TMPM372FWUG **
128K
6K
(1) 80
4
11
8
1
1
10
Yes
Yes
Yes
Yes
53
4.5 to
5.5
(1) -40
to 85
(2) -40
to 105
LQFP64
(10×10 mm)
(2) 32
TMPM373FWDUG **
(1) 80
3
7
8
1
1
8
Yes
Yes
Yes
37
LQFP48
(7×7 mm)
(2) 32
TMPM374FWUG
(1) 80
3
6
8
1
1
7
Yes
Yes
Yes
33
LQFP44
(10×10 mm)
(2) 32
TMPM330FWFG
8K
40
3
3
12
10
1
2
8
1
Yes
Yes
78
2.7 to
3.6
-20 to
85
LQFP100
(14×14 mm)
TMPM332FWUG
40
2
2
8
10
1
1
5
1
Yes
Yes
44
LQFP64
(10×10 mm)
TMPM333FWFG
40
3
3
12
10
8
1
Yes
Yes
78
LQFP100
(14×14 mm)
TMPM390FWFG **
20
1
3
1
1
12
10
1
2
8
1
Yes
Yes
Yes
Yes
Yes
74
1.7 to
3.6
-40 to
85
TMPM395FWAXBG
20
4
3
1
1
12
10
1
2
11
1
Yes
Yes
Yes
Yes
Yes
91
TFBGA120
(6×6 mm)
TMPM380FWDFG
12K
40
2
2
5
2
18
8
1
(Note 1)
2
3
2
16
1
Yes
Yes
Yes
Yes
Yes
84
4.0 to
5.5
QFP100
(14×20 mm)
TMPM380FWFG
40
2
2
5
2
18
8
1
(Note 1)
2
3
2
16
1
Yes
Yes
Yes
Yes
Yes
84
LQFP100
(14×14 mm)
TMPM382FWFG **
40
2
1
3
1
10
8
1
(Note 1)
1
1
8
1
Yes
Yes
Yes
Yes
Yes
48
QFP64
(14×14 mm)
TMPM366FWFG **
32K
48
4
3
2
1
2
1
12
10
10
2
Yes
74
(Note 2)
2.7 to
3.6
LQFP100
(14×14 mm)
TMPM366FWXBG **
48
4
3
2
1
2
1
12
10
10
2
Yes
74
TFBGA109
(9×9 mm)
TMPM367FWFG **
50K
80
31
3
4
2
3
1
8
2
8
1
(Note 1)
1
4
1
14
4
1
Yes
Yes
Yes
Yes
60
LQFP100
(14×14 mm)
TMPM367FWXBG **
80
31
3
4
2
3
1
8
2
8
1
(Note 1)
1
4
1
14
4
1
Yes
Yes
Yes
Yes
60
TFBGA109
(9×9 mm)
Flash Versions
TX03 Family: TX03 Series
–
20 –
Toshiba’s ARM Core-Based Microcontroller Lineup
Note 1) The motor controller channel is multiplexed with the multi-purpose timer (MPT).
Note 2) 3.0 to 3.6 V when USB is used.
Note 3) 48 MHz when USB is used.
• All products on this page incorporate a watchdog timer, a clock gear and an on-chip debug unit.
• Contact the Toshiba sales representative for information about RoHS compliance before you purchase any components.
• For detailed product specifications, see appropriate datasheets.
**: Under development



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com