Electronic Components Datasheet Search
  English  ▼

X  

TMPM366FDFG Datasheet(PDF) 22 Page - Toshiba Semiconductor

Part # TMPM366FDFG
Description  32-Bit Microcontrollers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPM366FDFG Datasheet(HTML) 22 Page - Toshiba Semiconductor

Back Button TMPM366FDFG Datasheet HTML 16Page - Toshiba Semiconductor TMPM366FDFG Datasheet HTML 17Page - Toshiba Semiconductor TMPM366FDFG Datasheet HTML 18Page - Toshiba Semiconductor TMPM366FDFG Datasheet HTML 19Page - Toshiba Semiconductor TMPM366FDFG Datasheet HTML 20Page - Toshiba Semiconductor TMPM366FDFG Datasheet HTML 21Page - Toshiba Semiconductor TMPM366FDFG Datasheet HTML 22Page - Toshiba Semiconductor TMPM366FDFG Datasheet HTML 23Page - Toshiba Semiconductor TMPM366FDFG Datasheet HTML 24Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Part Number
Power
Supply
Voltage
(V)
Operating
Temperature
(˚C)
Package
TMPM380FDFG **
512K
32K
40
225
2
18
8
1
(Note 1)
2
3
2
16
1
Yes
Yes
Yes
Yes
Yes
84
4.0 to
5.5
-40 to
85
LQFP100
(14×14 mm)
TMPM384FDFG **
40
225
2
22
8
1
(Note 1)
2
4
2
16
1
Yes
Yes
Yes
Yes
Yes
84
LQFP144
(20×20 mm)
TMPM361F10FG
1024K
64K
64
2
1
5
1
3
8
16
1
1
10
4
1
Yes
Yes
76
2.7 to
3.6
-20 to
85
LQFP100
(14×14 mm)
TMPM362F10FG
64
2
1
12
5
16
16
1
2
16
4
1
Yes
Yes
120
LQFP144
(20×20 mm)
TMPM363F10FG
(Note 3)
64
2
1
5
1311
8
16
1
1
8
41YesYes
74
(Note 2)
2.7 to
3.6
-40 to
85
LQFP100
(14×14 mm)
TMPM364F10FG
(Note 3)
64
2
1
12
5
1
1
16
16
1
2
14
4
1
Yes
Yes
118
LQFP144
(20×20 mm)
Flash Versions (Continued)
TX03 Family: TX03 Series
–
22 –
Note 1) The motor controller channel is multiplexed with the multi-purpose timer (MPT).
Note 2) 3.0 to 3.6 V when USB is used.
Note 3) 48 MHz when USB is used.
• All products on this page incorporate a watchdog timer, a clock gear and an on-chip debug unit.
• Contact the Toshiba sales representative for information about RoHS compliance before you purchase any components.
• For detailed product specifications, see appropriate datasheets.
**: Under development
Toshiba’s ARM Core-Based Microcontroller Lineup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com