Electronic Components Datasheet Search
  English  ▼

X  

UWS Datasheet(PDF) 13 Page - Murata Power Solutions Inc.

Part # UWS
Description  Sixteenth-brick DOSA-Compatible, Wide Input Isolated DC/DC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

UWS Datasheet(HTML) 13 Page - Murata Power Solutions Inc.

Back Button UWS Datasheet HTML 9Page - Murata Power Solutions Inc. UWS Datasheet HTML 10Page - Murata Power Solutions Inc. UWS Datasheet HTML 11Page - Murata Power Solutions Inc. UWS Datasheet HTML 12Page - Murata Power Solutions Inc. UWS Datasheet HTML 13Page - Murata Power Solutions Inc. UWS Datasheet HTML 14Page - Murata Power Solutions Inc. UWS Datasheet HTML 15Page - Murata Power Solutions Inc. UWS Datasheet HTML 16Page - Murata Power Solutions Inc. UWS Datasheet HTML 17Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
www.murata-ps.com/support
UWS Series
Sixteenth-brick DOSA-Compatible,
Wide Input Isolated DC/DC Converters
MDC_UWS Series.B02 Page 13 of 25
OUTPUT
Conditions
➀
Minimum
Typical/Nominal
Maximum
Units
Total Output Power
See Derating
0.0
54.0
54.54
W
Voltage
Nominal Output Voltage
No trim
11.88
12.00
12.12
Vdc
Setting Accuracy
At 50% load
±1
% of Vnom.
Output Voltage Range
User-adjustable
-20
10
% of Vnom.
Overvoltage Protection
Via magnetic feedback
13.3
15.3
18
Vdc
Current
Output Current Range
Vin=18V-36V
0.0
3.5
A
Output Current Range
Vin=36V-75V
0.0
4.5
A
Minimum Load
No minimum load
Current Limit Inception
98% of Vnom., after warmup
5.05
6.4
7.4
A
Short Circuit
Short Circuit Current
Hiccup technique, autorecovery within ±1.25%
of Vout
0.6
A
Short Circuit Duration (remove short for
recovery)
Output shorted to ground, no damage
Continuous
Short circuit protection method
Current limiting
Regulation
➆
Line Regulation
Vin=min. to max., Vout=nom., full load
±0.125
%
Load Regulation
Iout=min. to max., Vin=48V
±0.125
%
Ripple and Noise
with a 1uF || 10uF output caps
115
150
mV pk-pk
Temperature Coefficient
At all outputs
±0.02
% of Vnom./°C
Maximum Capacitive Load
Constant resistance mode, low ESR
0
2200
μF
MECHANICAL
Outline Dimensions
Cxx case
1.31x0.91x0.36
Inches
(Please refer to outline drawing)
LxWxH
33.27x23.1x9.14
mm
Weight
0.48
Ounces
13.6
Grams
Through Hole Pin Diameter
0.04 & 0.062
Inches
1.016 & 1.575
mm
Through Hole Pin Material
Copper alloy
TH Pin Plating Metal and Thickness
Nickel subplate
50
μ-inches
Gold overplate
5
μ-inches
EMI/RFI Shielding
None
ENVIRONMENTAL
Operating Ambient Temperature Range
No derating, full power, natural convection
-40
85
°C
Operating Case Temperature Range
No derating, full power, natural convection
-40
105
°C
Storage Temperature
Vin = Zero (no power)
-55
125
°C
Thermal Protection/Shutdown
Measured in center
115
125
130
°C
Electromagnetic Interference
External filter is required
Conducted, EN55022/CISPR22
B
Class
Radiated, EN55022/CISPR22
B
Class
RoHS rating
➃
RoHS-6
FUNCTIONAL SPECIFICATIONS, UWS-12/4.5-Q48 (CONT.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com