Electronic Components Datasheet Search
  English  ▼

X  

UWS Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # UWS
Description  Sixteenth-brick DOSA-Compatible, Wide Input Isolated DC/DC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

UWS Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  UWS Datasheet HTML 1Page - Murata Power Solutions Inc. UWS Datasheet HTML 2Page - Murata Power Solutions Inc. UWS Datasheet HTML 3Page - Murata Power Solutions Inc. UWS Datasheet HTML 4Page - Murata Power Solutions Inc. UWS Datasheet HTML 5Page - Murata Power Solutions Inc. UWS Datasheet HTML 6Page - Murata Power Solutions Inc. UWS Datasheet HTML 7Page - Murata Power Solutions Inc. UWS Datasheet HTML 8Page - Murata Power Solutions Inc. UWS Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
www.murata-ps.com/support
PART NUMBER STRUCTURE
UWS Series
Sixteenth-brick DOSA-Compatible,
Wide Input Isolated DC/DC Converters
MDC_UWS Series.B02 Page 2 of 25
Maximum Rated Output Current
Current in Amps
Sixteenth Brick Series
Nominal Output Voltage:
UWS -
/
-
12
4.5
N
On/Off Control Logic:
N = Negative
P = Positive
➀ Please refer to the Part Number Structure when ordering.
➁ All specifications are at nominal line voltage and full load, +25°C unless otherwise
noted. See detailed specifications. Output capacitors are 1 μF ceramic multilayer in
parallel with 10 μF.
I/O caps are necessary for our test equipment and may not be needed for your
application.
➂ Regulation specifications describe output voltage deviations from a nominal/midpoint
value to either extreme (50% load step).
➃ Iout = 13A max. if Vin < 36V.
➄ Iout=8A max. if Vin <36V.
➅ Iout = 3.5A max. if Vin < 36V.
C
RoHS Hazardous Substance Compliance
(does not claim EU RoHS exemption 7b–lead in solder)
C = RoHS-6
-
Lx
Pin Length Option (Thru-hole only)
Blank = Standard pin length 0.180˝ (4.6mm)
L1 = 0.110˝ (2.79mm)*
L2 = 0.145˝ (3.68mm)*
Input Voltage Range:
Q48 = 18–75 Volts (48V nominal)
PERFORMANCE SPECIFICATIONS SUMMARY AND ORDERING GUIDE
Root Model
➀
Output
Input
Efficiency
C76
Package
VOUT
(V)
IOUT
(A, max.)
Power
(W)
R/N (mV pk-pk)
Regulation (max.)
➂ V
IN
Nom.
(V)
Range
(V)
IIN, no load
(mA)
IIN, full
load (A)
Typ.
Max.
Line
Load
Min.
Typ.
Case (inches)
UWS-3.3/15-Q48
3.3
15
➃
49.5
90
125
±0.15%
±0.3%
48
18-75
25
1.16
87.5%
89%
1.31 x 0.91 x 0.36
UWS-5/10-Q48
5
10
➄
50
90
130
±0.125%
±0.125%
48
18-75
30
1.14
88%
91%
1.31 x 0.91 x 0.36
UWS-12/4.5-Q48
12
4.5
➅
54
115
150
±0.125%
±0.125%
48
18-75
25
1.24
89%
91%
1.31 x 0.91 x 0.36
M
SMT Version (MSL Rating 2)
Blank = Thru-hole
M = SMT version
Q48
*Special quantity order is required;
no sample quantities available.
Note:
Some model number combinations
may not be available. Please contact
Murata Power Solutions.
H
Conformal Coating Option
Blank = No coating, standard
H = Coating added, optional*
(built to order; contact Murata Power Solutions for MOQ and lead times.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com