Electronic Components Datasheet Search
  English  ▼

X  

CY4606 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY4606
Description  EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY4606 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY4606 Datasheet HTML 1Page - Cypress Semiconductor CY4606 Datasheet HTML 2Page - Cypress Semiconductor CY4606 Datasheet HTML 3Page - Cypress Semiconductor CY4606 Datasheet HTML 4Page - Cypress Semiconductor CY4606 Datasheet HTML 5Page - Cypress Semiconductor CY4606 Datasheet HTML 6Page - Cypress Semiconductor CY4606 Datasheet HTML 7Page - Cypress Semiconductor CY4606 Datasheet HTML 8Page - Cypress Semiconductor CY4606 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
CY7C65620/CY7C65630
EZ-USB HX2LP™
Low Power USB 2.0 Hub Controller Family
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 38-08037 Rev. *V
Revised September 6, 2012
EZ-USB HX2LP™ Low Power USB 2.0 Hub Controller Family
Features
■ USB 2.0 hub controller
■ Automotive and Industrial grade option (–40 °C to 85 °C)
■ Compliant with USB 2.0 specification
■ USB-IF certified: TID# 30000009
■ Windows Hardware Quality Lab (WHQL) Compliant
■ Up to four downstream ports supported
■ Supports bus powered and self powered modes
■ Single transaction translator (TT)
■ Bus power configurations
■ Fit, form, and function compatible with CY7C65640 and
CY7C65640A (TetraHub™)
■ Space saving 56-pin QFN
■ Single power supply requirement
❐ Internal regulator for reduced cost
■ Integrated upstream pull-up resistor
■ Integrated pull-down resistors for all downstream ports
■ Integrated upstream and downstream termination resistors
■ Integrated port status indicator control
■ 24 MHz external crystal (integrated phase-locked loop (PLL))
■ In-system EEPROM programming
■ Configurable with external SPI EEPROM:
❐ Vendor ID, Product ID, Device ID (VID/PID/DID)
❐ Number of active ports
❐ Number of removable ports
❐ Maximum power setting for high-speed and full-speed
❐ Hub controller power setting
❐ Power-on timer
❐ Overcurrent detection mode
❐ Enabled and disabled overcurrent timer
❐ Overcurrent pin polarity
❐ Indicator pin polarity
❐ Compound device
❐ Enable full-speed only
❐ Disable port indicators
❐ Ganged power switching
❐ Self and bus powered compatibility
❐ Fully configurable string descriptors for multiple language
support
Routing Logic
Hub Repeater
USB Upstream Port
USB 2.0 PHY
PLL
Serial
Interface
Engine
High-Speed
USB Control Logic
SPI Communication
Block
USB Downstream Port 1
USB 2.0
PHY
Port Power
Control
Port
Status
USB Downstream Port 2
USB 2.0
PHY
Port Power
Control
Port
Status
USB Downstream Port 3
USB 2.0
PHY
Port Power
Control
Port
Status
USB Downstream Port 4
USB 2.0
PHY
Port Power
Control
Port
Status
SPI_SCK
SPI_CS
SPI_SD
D+
D-
PWR#[4]
OVR#[4]
LED
D+
D-
PWR#[3]
OVR#[3]
LED
D+
D- PWR#[2]
OVR#[2]
LED
D+
D-
PWR#[1]
OVR#[1]
LED
Transaction Translator
TT RAM
D+
D -
24 MHz
Crystal
Block Diagram CY7C65630


Similar Part No. - CY4606

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY4606 CYPRESS-CY4606 Datasheet
544Kb / 24P
EZ-USB HX2LP??Low-Power USB 2.0 Hub Controller Family
CY4606 CYPRESS-CY4606 Datasheet
503Kb / 25P
EZ-USB HX2LP?? Low-Power USB 2.0 Hub Controller Family
CY4606 CYPRESS-CY4606 Datasheet
553Kb / 25P
EZ-USB HX2LP Low Power USB 2.0 Hub Controller Family
CY4606 CYPRESS-CY4606 Datasheet
532Kb / 24P
EZ-USB HX2LP Lite Low Power USB 2.0 Hub Controller Family
CY4606 CYPRESS-CY4606 Datasheet
581Kb / 28P
EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
More results

Similar Description - CY4606

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C65620 CYPRESS-CY7C65620 Datasheet
170Kb / 2P
EZ-USB HX2LP??Low-Power USB 2.0 Hub Controller Family
CY7C656XX CYPRESS-CY7C656XX Datasheet
544Kb / 24P
EZ-USB HX2LP??Low-Power USB 2.0 Hub Controller Family
logo
GENESYS LOGIC
GL850A GENESYS-GL850A Datasheet
385Kb / 29P
USB 2.0 Low-Power HUB Controller
logo
Cypress Semiconductor
CY7C656XX CYPRESS-CY7C656XX_08 Datasheet
503Kb / 25P
EZ-USB HX2LP?? Low-Power USB 2.0 Hub Controller Family
CY7C656XX CYPRESS-CY7C656XX_09 Datasheet
553Kb / 25P
EZ-USB HX2LP Low Power USB 2.0 Hub Controller Family
CY7C65621 CYPRESS-CY7C65621 Datasheet
532Kb / 24P
EZ-USB HX2LP Lite Low Power USB 2.0 Hub Controller Family
CY7C656XX CYPRESS-CY7C656XX_11 Datasheet
581Kb / 28P
EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
CY7C65621 CYPRESS-CY7C65621_11 Datasheet
583Kb / 27P
EZ-USB HX2LP Lite??Low Power USB 2.0 Hub Controller Family
CY7C65620_1105 CYPRESS-CY7C65620_1105 Datasheet
403Kb / 29P
EZ-USB HX2LP Low Power USB 2.0 Hub Controller Family
CY7C65620 CYPRESS-CY7C65620_13 Datasheet
411Kb / 30P
EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com