Electronic Components Datasheet Search
  English  ▼

X  

CY4606 Datasheet(PDF) 23 Page - Cypress Semiconductor

Part # CY4606
Description  EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY4606 Datasheet(HTML) 23 Page - Cypress Semiconductor

Back Button CY4606 Datasheet HTML 19Page - Cypress Semiconductor CY4606 Datasheet HTML 20Page - Cypress Semiconductor CY4606 Datasheet HTML 21Page - Cypress Semiconductor CY4606 Datasheet HTML 22Page - Cypress Semiconductor CY4606 Datasheet HTML 23Page - Cypress Semiconductor CY4606 Datasheet HTML 24Page - Cypress Semiconductor CY4606 Datasheet HTML 25Page - Cypress Semiconductor CY4606 Datasheet HTML 26Page - Cypress Semiconductor CY4606 Datasheet HTML 27Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
CY7C65620/CY7C65630
Document Number: 38-08037 Rev. *V
Page 23 of 28
Ordering Information
Ordering Code Definitions
Table 10. Serial Peripheral Interface
Parameter
Description
Conditions
Min
Typ
Max
Unit
Clock rise/fall time
–
–
500
ns
Clock frequency
–
–
250
kHz
Data setup time
50
–
–
ns
Hold time
100
–
–
ns
Reset period
1.9
–
–
ms
Ordering Code
Package Type
CY7C65620-56LTXC
56-pin QFN 2-Port Sawn Type QFN Bulk
CY7C65620-56LTXCT
56-pin QFN 2-Port Sawn Type QFN Tape and Reel
CY7C65620-56LFXA
56-pin QFN 2-Port Automotive AEC grade
CY7C65620-56LFXAT
56-pin QFN 2-Port Automotive AEC grade Tape and Reel
CY7C65630-56LTXC
56-pin QFN 4-Port Sawn Type QFN Bulk
CY7C65630-56LTXCT
56-pin QFN 4-Port Sawn Type QFN Tape and Reel
CY7C65630-56LFXA
56-pin QFN 4-Port Automotive AEC grade
CY7C65630-56LFXAT
56-pin QFN 4-Port Automotive AEC grade Tape and Reel
CY4606
CY7C65630 USB 2.0 4-Port Hub Reference Design Kit
CY4605
CY7C65620 USB 2.0 2-Port Hub Reference Design Kit
CY7C65630-56LTXI
56-pin QFN 4-Port Industrial grade
CY7C65630-56LTXIT
56-pin QFN 4-Port Industrial grade Tape and Reel
CY7C65620-56LTXI
56-pin QFN 2-Port Industrial grade
CY7C65620-56LTXIT
56-pin QFN 2-Port Industrial grade Tape and Reel
X = blank or T (blank = Bulk; T = Tape and Reel)
X = Temperature Grade = C, A or I (C = Commercial grade; A = Automotive
grade; I = Industrial grade))
X = Pb-free
X = F or T (F = Punch; T = Sawn)
56L = 56-pin QFN
2 = 2 port; 3 = 4 port
Part Identifier
Company ID: CY = Cypress
CY 7C656
- 56L
X
X
X X
X0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com