Electronic Components Datasheet Search
  English  ▼

X  

CXA3003R Datasheet(PDF) 3 Page - Sony Corporation

Part # CXA3003R
Description  Baseband analog processing IC for dual-mode CDMA/FM cellular phone
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3003R Datasheet(HTML) 3 Page - Sony Corporation

  CXA3003R Datasheet HTML 1Page - Sony Corporation CXA3003R Datasheet HTML 2Page - Sony Corporation CXA3003R Datasheet HTML 3Page - Sony Corporation CXA3003R Datasheet HTML 4Page - Sony Corporation CXA3003R Datasheet HTML 5Page - Sony Corporation CXA3003R Datasheet HTML 6Page - Sony Corporation CXA3003R Datasheet HTML 7Page - Sony Corporation CXA3003R Datasheet HTML 8Page - Sony Corporation CXA3003R Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
—3—
CXA3003R
Pin Description
Pin
No.
1
2
3
4
5
6
7
8
9
10
Symbol
GND
RXVCO TI
RXVCO T2
GND RXIF
VDD RXIF
RXIFB
RXIF
RSSI
GND RX
VDD RX
Typical
Voltage (V)
DC
AC
0 V
0 V
3.3 V
2 V
2 V
0 V
3.3 V
Equivalent circuit
2
3
VDD RXIF
GND RXIF
1k
1k
VDD RXIF
GND RXIF
7
6
250
2k
250
2k
2k
2k
VDD RXIF
GND RXIF
8
150
Description
Negative power supply pin.
Receive VCO tuning pins.
Connected to an external LC
tank circuit for setting the
receive VCO frequency.
Negative power supply pin for
RXIF block.
Positive power supply pin
for RXIF block.
Analog differential receive IF
input pins.
Analog RSSI output pin.
Negative power supply pin for
RX block.
Positive power supply pin for
RX block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com